Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A22..25 Datasheet(PDF) 19 Page - Carlo Gavazzi Holding AG

Part # RGC2A22..25
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A22..25 Datasheet(HTML) 19 Page - Carlo Gavazzi Holding AG

Back Button RGC2A22..25 Datasheet HTML 15Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 16Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 17Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 18Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 19Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 20Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 21Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 22Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 23Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
19
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Environmental specifications
Operating temperature
RGC...DF, DFM
RGC...AM, AF, AFM
-40°C to +80°C (-40°F to +176°F)
-40°C to +70°C (-40°F to +158°F)
-40°C to +60°C (-40°F to +140°F)
Storage temperature
-40 to +100 °C (-40 to +212 °F)
Relative humidity
95% non-condensing @ 40°C
Pollution degree
2
Installation altitude
0-1000 m. Above 1000 m derate linearly by 1% of FLC per 100 m up to a maximum
of 2000 m
Vibration resistance
2g / axis (2-100Hz, IEC 60068-2-6, EN 50155, EN 61373)
Impact resistance
15/11 g/ms (EN50155, EN61373)
EU RoHS compliant
Yes
China RoHS
25
The declaration in this section is prepared in compliance with People’s Republic of China Electronic Industry Standard SJ/
T11364-2014: Marking for the Restricted Use of Hazardous Substances in Electronic and Electrical Products.
这份申明根据中华人民共和国电子工业标准
SJ/T11364-2014:标注在电子电气产品中限定使用的有害物质
Part Name
Toxic or Harardous Substances and Elements
Lead
(Pb)
Mercury
(Hg)
Cadmium
(Cd)
Hexavalent
Chromium
(Cr(Vl))
Polybrominat-
ed biphenyls
(PBB)
Polybromi-
nated diphenyl
ethers (PBDE)
Power Unit
Assembly
x
O
O
O
O
O
O: Indicates that said hazardous substance contained in homogeneous materials fot this part are below the limit
requirement of GB/T 26572.
X: Indicates that said hazardous substance contained in one of the homogeneous materials used for this part is above
the limit requirement of GB/T 26572.
零件名称
有毒或有害物质与元素
铅
(Pb)
汞
(Hg)
镉
(Cd)
六价铬
(Cr(Vl))
多溴化联苯
(PBB)
多溴联苯醚
(PBDE)
功率单元
x
O
O
O
O
O
O:此零件所有材料中含有的该有害物低于GB/T 26572的限定。
X: 此零件某种材料中含有的该有害物高于GB/T 26572的限定。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com