Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A22..25 Datasheet(PDF) 10 Page - Carlo Gavazzi Holding AG

Part # RGC2A22..25
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A22..25 Datasheet(HTML) 10 Page - Carlo Gavazzi Holding AG

Back Button RGC2A22..25 Datasheet HTML 6Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 7Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 8Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 9Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 10Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 11Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 12Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 13Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 14Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
RG..D..D..
RG..D..A..
RG..A..A..
Supply voltage
range, Us
24 VDC, -15% / +20%
90-250 VAC
Reverse polarity
protection
Yes
n/a
Max. supply current
no fan, RG..M
with fan, RG..F, RG..FM
80 mA
150 mA
60 mA
80 mA
Surge protection3
500 V PC1 with integrated transil
L-L 1 kV, L-E 2 kV PC13, 4
Power supply specifications (Us)
3. Refer to Electromagnetic Compatability section for further details
4. When supplied from secondary circuit with short circuit limit of 1500 VA
RG..F
RG..M
Function
Operates in case of an alarm condition on the RG..F or the RG..M
Output type
EMR, 1 Form C (SPDT)
Normally closed (12-11)
Normally open (14-11)
Contact rating
2A @ 250 VAC / 30 VDC
Isolation
1000 VAC
Alarm output specifications (12, 14, 11)
12
14
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com