Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A22..25 Datasheet(PDF) 39 Page - Carlo Gavazzi Holding AG

Part # RGC2A22..25
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A22..25 Datasheet(HTML) 39 Page - Carlo Gavazzi Holding AG

Back Button RGC2A22..25 Datasheet HTML 33Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 34Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 35Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 36Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 37Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 38Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 39Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 40Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 41Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
39
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Versions: RGC..A..AM, RGC..A..AFM
Auxiliary output signal 90-250 VAC, max. 1 A @ 25oC; AC control, Uc (20-275 VAC); AC external supply, Us (90-250 VAC)
 
 90 – 2
Load 
22
NC
AUX O/P
24
NO
AUX O/
Uf-
FAN
Uf+
FAN
250VAC 
90‐250
P
21
COM
AUX O/P
A
Us~
SUPPLY
20
0VAC 
12
NC
ALARM
14
NO
ALARM
A2-
CONTRO
Us~
SUPPLY
0‐275VAC 
11
COM
ALARM
OL
A1+
CONTROL
Connection of normally open auxiliary output (24-21) to
an AC load
Note: In relation to the auxiliary output terminals 22, 24, 21; it is not possible to connect all 3 terminals to the auxiliary cir-
cuit. Preference shall be given to either a normally open (24-21) or normally closed (22-21) contact. The respective
terminations shall be choosen and configured accordingly.
Connection configuration for auxiliary output (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com