Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A22..25 Datasheet(PDF) 18 Page - Carlo Gavazzi Holding AG

Part # RGC2A22..25
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A22..25 Datasheet(HTML) 18 Page - Carlo Gavazzi Holding AG

Back Button RGC2A22..25 Datasheet HTML 14Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 15Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 16Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 17Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 18Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 19Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 20Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 21Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 22Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
18
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Applicable to variants
RGC..D.. (not applicable for RGC..M)
Additional conformance
specific to railway applications
EN 50155
EN 45545-2
EN 50121-3-2
Hazardous level conformance
according to EN 45545-2
HL1, HL2 for requirement R23
HL1 for requirement R22
Operating temperature class
according to EN 50155
OT3 (-25 °C to +70 °C )
Vibration and shock
EN 61373 Category 1, Class B
Additional EMC conformance
accoding to EN 50121-3-2
Radiated radio frequency
immunity
EN/IEC 61000-4-3
20 V/m, from 80 MHz to 1 GHz (PC1)
10 V/m, from 1.4 to 2 GHz (PC1)
5 V/m, from 2 to 2.7 GHz (PC1)
3V/m, 5.1 - 6 GHz (PC1)
Power quality measurement
EN/IEC 61000-4-30
50 Hz - 2 kHz, <8% THD (PASS)
Additional conformance to railway standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com