Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A22..25 Datasheet(PDF) 22 Page - Carlo Gavazzi Holding AG

Part # RGC2A22..25
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A22..25 Datasheet(HTML) 22 Page - Carlo Gavazzi Holding AG

Back Button RGC2A22..25 Datasheet HTML 18Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 19Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 20Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 21Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 22Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 23Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 24Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 25Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 26Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
22
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Protection co-ordination Type 2 with Minature Circuit Breakers (M.C.B.s)
Solid State Relay type
ABB Model no. for Z - type
M. C. B. (rated current)
ABB Model no. for B - type
M. C. B. (rated current)
Wire cross sectional area
[mm2]
Minimum length of Cu
wire conductor [m]9
RGC2..10
RGC2..25
RGC3..10
RGC3..20
RGC3..25
(1800 A2s)
S203 - Z10 (10 A)
S203 - B4 (4 A)
1.0
1.5
2.5
7.6
11.4
19.0
S203 - Z16 (16 A)
S203 - B6 (6 A)
1.0
1.5
2.5
4.0
5.2
7.8
13.0
20.8
S203 - Z20 (20 A)
S203 - B10 (10A)
1.5
2.5
12.6
21.0
S203 - Z25 (25 A)
S203 - B13 (13 A)
2.5
4.0
25.0
40.0
RGC2..40
RGC3..30
RGC3..40
(6600 A2s)
S203 - Z20 (20 A)
S203 - B10 (10 A)
1.5
2.5
4.0
4.2
7.0
11.2
S203 - Z32 (32 A)
S203 - B16 (16 A)
2.5
4.0
6.0
13
20.8
31.2
RGC2..75
RGC3..48
RGC3..65
(15000 A2s)
S203 - Z25 (25 A)
S203 - B16 (16 A)
2.5
4.0
6.0
3.1
5.0
7.5
S203 - Z50 (50 A)
S203 - B25 (25 A)
4.0
6.0
10.0
16.0
8.0
12.0
20.0
32.0
S203 - Z63 (63 A)
S203 - B32 (32 A)
6.0
10.0
16.0
11.3
18.8
30.0
9. Between MCB and Load (including return path which goes back to the mains)
Note: A prospective current of 6 kA and a 230 / 400 V power supply is assumed for the above suggested specifications. For cables with
different cross section than those mentioned above please consult Carlo Gavazzi's Technical Support Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com