Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A22..25 Datasheet(PDF) 24 Page - Carlo Gavazzi Holding AG

Part # RGC2A22..25
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A22..25 Datasheet(HTML) 24 Page - Carlo Gavazzi Holding AG

Back Button RGC2A22..25 Datasheet HTML 20Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 21Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 22Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 23Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 24Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 25Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 26Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 27Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 28Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
24
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
RGC..M Mode of Operation
The RGC..M versions are suitable only for use with resistive loads.
The ‘M’ suffix versions integrate monitoring circuitry that can detect the status of the Mains, Load, and Solid State Relay
(SSR) status. The fault conditions that can be detected with the RGC..M include:
- Mains loss
- Load loss
- SSR open circuit
- SSR short circuit
- SSR over temperature
An external supply, 24 VDC or 90-250 VAC, selectable through part no. configuration, is required for the operation of the
RGC..M models. In the case of a fault condition, an EMR alarm output is available through terminals 11, 12, 14 for remote
indication. Alarm visual indication is provided by a flashing red LED. The flash rate of the red LED gives an indication of the
type of alarm condition detected.
The RGC..M is also equipped with an auxiliary output which operates in synchronisation with the output of the SSR. This
electronic auxiliary output with normally open or normally closed user selectable contacts is available through terminals 21,
22, 24. A yellow LED gives indication of the SSR output status.
Mains Loss:
The mains loss alarm is issued if the mains voltage is missing from either terminals L1, L2 or L3 for more than 1 second.
This alarm type is indicated by 2 flashes of the red LED. The alarm resets automatically once the mains voltage is restored
and is present on terminals L1, L2 and/or L3 for more than 1 second. In case of mains frequency outside the specified
limits, the mains loss alarm is activated. The SSR output is not affected in this condition; this means that if control is ON,
the SSR output remains ON.
Mains Supply (L1)
Mains Supply (L2)
Mains Supply (L3)
Load Current
Auxiliary Output, NO (21-24)
Auxiliary Output, NC (21-22)
Supply Voltage (Us)
Control Voltage (A1, A2)
Green LED (Control & Supply)
Yellow LED (Load status)
Red LED (Alarm)
Alarm Output, NO (11-14)
Alarm Output, NC (11-12)
Supply
Voltage (Us)
Loss
Normal
Opera�on
SSR OFF
Mains Loss
Detec�on, L1
(> 1 s)
Note 1
Note 1
Note 2
Note 2
Note 2
Note 2
Note 2
Note 2
Note 2
Note 2
Supply
Voltage (Us)
Loss
Normal
Opera�on
SSR ON
Mains Loss
Detec�on, L2
(> 1 s)
Mains Loss
Detec�on, L3
(> 1 s)
Mains Loss
Detec�on, L1, L2, L3
(> 1 s)
Normal
Opera�on
SSR ON
Note 1: For the AC external supply versions (RGC..A..A), the Auxiliary output, NC (21-22) will be closed only when the
external supply Us is present.
Note 2: Yellow LED and hence load current is OFF only if all phases L1, L2 and L3 are missing. If any 2 phases are present
and control voltage is applied, the yellow LED and auxiliary output will be ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com