Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A22..25 Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # RGC2A22..25
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A22..25 Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  RGC2A22..25 Datasheet HTML 1Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 2Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 3Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 4Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 5Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 6Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 7Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 8Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Selection guide - 2-pole switching, 1-pole direct (RGC2)
Selection guide - 2-pole switching, 1-pole direct with monitoring (RGC2..M)
KKE: input terminals = screw, output terminals = screw
KGE: input terminals = screw, output terminals = box clamp
GKE: input terminals = box clamp, output terminals = screw
GGE: input terminals = box clamp, output terminals = box clamp
Rated
voltage
Control
voltage Features
External
supply,
Us
Rated operational current per pole @ 40°C
10 AAC
(1800 A2s)
25 AAC
(1800 A2s)
40 AAC
(6600 A2s)
75 AAC
(15000 A2s)
Product width
54 mm
54 mm
70 mm
70 mm + fan
220 VAC
5 - 32 VDC
-
-
-
RGC2A22D25KKE
-
-
20-275 VAC,
24-190 VDC
-
-
-
RGC2A22A25KKE
-
-
600 VAC
5 - 32 VDC
-
OTP
OTP
-
24 VDC
90 - 250 VAC
RGC2A60D10KKE
-
-
RGC2A60D25KKE
-
-
RGC2A60D40KGE
-
-
-
RGC2A60D75GGEDF
RGC2A60D75GGEAF
20-275 VAC,
24-190 VDC
-
-
RGC2A60A10KKE
RGC2A60A25KKE
RGC2A60A40KGE
-
20-275 VAC
OTP
90 - 250 VAC
-
-
-
RGC2A60A75GGEAF
Rated
voltage
Control
voltage Features
External
supply,
Us
Rated operational current per pole @ 40°C
-
25 AAC
(1800 A2s)
40 AAC
(6600 A2s)
75 AAC
(15000 A2s)
Product width
-
54 mm
70 mm
70 mm + fan
600 VAC
5 - 32 VDC Monitoring
24 VDC
90-250 VAC
-
RGC2A60D25GKEDM
RGC2A60D25GKEAM
RGC2A60D40GGEDM
RGC2A60D40GGEAM
RGC2A60D75GGEDFM
RGC2A60D75GGEAFM
20-275 VAC Monitoring 90-250 VAC
-
RGC2A60A25GKEAM RGC2A60A40GGEAM RGC2A60A75GGEAFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com