Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGC2A22..25 Datasheet(PDF) 7 Page - Carlo Gavazzi Holding AG

Part # RGC2A22..25
Description  3-phase solid state relays with integrated heatsink
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

RGC2A22..25 Datasheet(HTML) 7 Page - Carlo Gavazzi Holding AG

Back Button RGC2A22..25 Datasheet HTML 3Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 4Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 5Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 6Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 7Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 8Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 9Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 10Page - Carlo Gavazzi Holding AG RGC2A22..25 Datasheet HTML 11Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
Carlo Gavazzi Ltd.
RGC2, RGC3
RGC2, RGC3 DS ENG
05/10/20
Features
Material
PA66 (UL94 V0), RAL7035
850°C, 750°C/2s according to GWIT and GWFI requirements of EN 60335-1
Mounting
DIN rail (RGC3..48: Panel mount)
Touch Protection
IP20
Overvoltage Category
III, 6 kV (1.2/50 μs) rated impulse withstand voltage
Isolation
Input and Output to Case: 4000 Vrms
Input to Output: 4000 Vrms (RGC..M: 2500 Vrms)
Weight
RGC..10: approx. 470 g
RGC2..25, RGC3..20 (M): approx. 600 g (680 g)
RGC2..40, RGC3..25, RGC3..30 (M): approx. 850 g (920 g)
RGC3..40: approx. 740 g
RGC3..48 (M): approx. 2400 g (2400 g)
RGC2..75, RGC3..65: approx. 980 g
General data
Performance
RGC2..22..25
RGC2..60..10
RGC2..60..25
RGC2..60..40
RGC2..60..75
Operational voltage range, Ue
42 - 242 VAC
42 - 660 VAC
90 - 660 VAC (RGC..M)
Permissable voltage unbalance
15% between L1/L2/L3
Blocking voltage
800 Vp
1200 Vp
Max. operational current per
pole1: AC-51 @ Ta=25°C
32 AAC
10 AAC
32 AAC
50 AAC
85 AAC
Max. operational current per
pole1: AC-51 @ Ta=40°C
27 AAC
10 AAC
27 AAC
40 AAC
75 AAC
Max. operational current per
pole1: AC-53a @ Ta=40°C
11.5 AAC
5 AAC
11.5 AAC
16.5 AAC
28 AAC
Operational frequency range
45 to 65 Hz
Output protection
Integrated varistor
Leakage current @ rated voltage
5 mAAC
Minimum operational current
RGC..F, RGC..M
250 mAAC
1.2 AAC
250 mAAC
-
250 mAAC
1.2 AAC
400 mAAC
1.2 AAC
500 mAAC
1.2 AAC
Repetitive overload current
(Motor rating) UL508: Ta=40°C,
t
ON=1 s, tOFF=9 s, 50 cycles
61 AAC
30 AAC
61 AAC
107 AAC
154 AAC
Non-repetitive surge current
(I
TSM), t=10 ms
600 Ap
600 Ap
600 Ap
1150 Ap
1750 Ap
I²t for fusing (t=10 ms), minimum
1800 A²s
1800 A²s
1800 A²s
6600 A²s
15000 A²s
No. of motor starts per hour2
(x: 6, Tx:6s, F:50%) @ 40°C
30
Power factor
>0.5 at rated voltage
Critical dV/dt (@Tj init = 40°C)
1000 V/μs
RGC2.. Output
1. Refer to Current Derating Curves. Max. VDE AC-51 rating for RGC2..10 is 9AAC
2. Overload profile for AC-53a;
Ie: AC-53a: xIe-Tx: F-S, where Ie = nominal current (AC-53a AAC), xIe = overload current (AAC), Tx = duration of overload current (s), F
= duty cycle (%), S = number of starts. Example; 5A: AC-53a: 30 - 6 : 50 - 10 = max. 10 starts for the RGC2..10 with an overload profile
of 30 A for 6 seconds with a duty cycle of 50%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com