Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6223 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6223 Datasheet HTML 3Page - STMicroelectronics L6223 Datasheet HTML 4Page - STMicroelectronics L6223 Datasheet HTML 5Page - STMicroelectronics L6223 Datasheet HTML 6Page - STMicroelectronics L6223 Datasheet HTML 7Page - STMicroelectronics L6223 Datasheet HTML 8Page - STMicroelectronics L6223 Datasheet HTML 9Page - STMicroelectronics L6223 Datasheet HTML 10Page - STMicroelectronics L6223 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
BLOCK DIAGRAM DESCRIPTION
Input Logic
Decodes the input signals IN1, IN2, IN3, IN4,
DA/OPLO, and DA/CLEV for programming the
device and driving the motor. The six inputs are
CMOS compatible and can interface directly with
a microprocessor.
Predriver Stages
Drive the gates of the five DMOS. They interface
the power section with the logic section. The in-
ternal inhibit, when activated, disables the power
section. The reset initializes the shift register and
disables the power section.
6 bit Shift Register
Internal memory which defines the working con-
figuration of the device along with the input sig-
nals.
Current Control
When selected with the input DA/OPLO = L
(Closed Loop), it will maintain a constant output
current level by chopping. The value of the refer-
ence voltage, which is compared to the sense
voltage, is given by the Ref Block. The chopping
frequency depends on bit C4.
Ref Block
Defines the current chopping level according to
bits C0 and C1 and the input signals.
Fixed on Time
When selected with DA/OPLO = H, it will define
according to bits C2 and C3 the chopping duty cy-
cle for the Open Loop mode. The chopping fre-
quency is fixed.
Oscillator
Provides the clock setting the S/R FLIP-FLOP
that turn ON/OFF the upper DMOS (Fig. 22). The
higher operative chopping frequency is defined by
the external RC network (typically 20KHz). At the
phase change a syncronous clock pulse is gener-
ated
Reset Logic Block
Generates the reset signal for the logic at power
on and disables the outputs. The reset can also
be generated externally by setting the RC pin to
less that 0.9V.
Thermal Protection
Disables the power section in case of over tem-
perature condition.
Charge Pump
Along with an external bootstrap capacitor con-
nected between the BSTP and COM pins, this
block generates the internal over voltage required
to drive the upper DMOS on.
Power Output
Driven by the Predriver Stages, it supplies the
power for the motor windings.
CIRCUIT OPERATION
The five N DMOS transistors of the output stage
drive the unipolar motor windings, controlling the
current by chopping. In particular, the four Low
side (OUT1, OUT2, OUT3, OUT4) switch the
phase configurations, and the High side DMOS
(COM) is for chopping control.
For this transistor a charge pump circuit provides
its necessary gate drive over voltage.
The microprocessor outputs are interfaced with
the L6223 output stages through the input logic
block. This block also protects the device from mi-
croprocessor output errors and failures from the
power section back to the microprocessor out-
puts. The six digital inputs IN1, IN2, IN3, IN4,
DA/CLEV, DA/OPLO, are decoded for motor con-
trol and rotation when in ”Operating mode” and
used for the internal six Bit memory programming
when in ”Programming Mode”.
Table 1 shows the condition that selects these
device status. The programming of the internal six
bit memory sets operative conditions such as:
• PWM CURRENT LEVELS
• CHOPPING FREQUENCY
• LOGIC IN/OUT DECONDING
This memory works like a shift register. Each bit is
introduced serially by decoding the IN1, IN2, IN3,
IN4 low status for the internal clock pulse genera-
tion and by the DA/CLEV DA/OPLO, inputs in
exor, as data in.
Figure 7 shows the six bit meaning.
In the operating mode two different input drive are
possible. In SIMPLIFIED OPERATING MODE the
IC needs few logic wire for the motor rotation, but
only the full step driving sequence can be per-
formed.
L6223
7/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com