Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6223 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Datasheet(HTML) 2 Page - STMicroelectronics

  L6223 Datasheet HTML 1Page - STMicroelectronics L6223 Datasheet HTML 2Page - STMicroelectronics L6223 Datasheet HTML 3Page - STMicroelectronics L6223 Datasheet HTML 4Page - STMicroelectronics L6223 Datasheet HTML 5Page - STMicroelectronics L6223 Datasheet HTML 6Page - STMicroelectronics L6223 Datasheet HTML 7Page - STMicroelectronics L6223 Datasheet HTML 8Page - STMicroelectronics L6223 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
PIN CONNECTION ( top wiew )
signed to work with a single sense resistor. Dur-
ing chopping t(OFF) time the current is reduced
by half, improving efficiency. Higher current appli-
cations can be achieved by paralleling two L6223.
The L6223 is mounted in a 20-lead Powerdip
package, (16+2+2). Four ground leads conduct
heat to dedicated heatsink area on the PCB.
Symbol
Parameter
Value
Unit
VSS
Logic supply
7
V
VS
Supply voltage
50
V
VI
Logic input voltage (*)
– 0.3V to VSS
VO
Output voltage
100
V
VOpeak
Output peak voltage (tpk = 5
µs,10% d.c.)
125
V
Ipl
Output sink peak current d.c. 10% t(on) = 10
µs3
A
Iph
Output source peak current d.c. 10%,t(on) = 10
µs6
A
Ptot
Total power dissipation: Tpins =90
°C
4.3
W
Tamb =70
°C (**)
2
W
Vsense
Sensing voltage
– 1V to VSS
Tstg, Tj
Storage and junction temperature
– 40 to 150
°C
( * ) Oscillator running
(** ) 4 cm
2 copper area on PCB, see fig. 34
ABSOLUTE MAXIMUM RATINGS
Rthj-pins
Thermal Resistance Junction-pins
Max
14
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
60
°C/W
THERMAL DATA
L6223
2/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com