Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6223 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6223 Datasheet HTML 5Page - STMicroelectronics L6223 Datasheet HTML 6Page - STMicroelectronics L6223 Datasheet HTML 7Page - STMicroelectronics L6223 Datasheet HTML 8Page - STMicroelectronics L6223 Datasheet HTML 9Page - STMicroelectronics L6223 Datasheet HTML 10Page - STMicroelectronics L6223 Datasheet HTML 11Page - STMicroelectronics L6223 Datasheet HTML 12Page - STMicroelectronics L6223 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
ing diagram for programming. When the inputs
IN1...IN4 are together Low a clock pulse is gener-
ated internally which clocks a data bit into the
shift register. If the time interval during which all
four inputs are Low is less than 0.2
µs, no clocks
pulse in generated thus preventing undesirable
programming. To generate another clock pulse at
least one of the four inputs must first go High and
then Low again. The first bit is loaded into C0 and
after 6 clock pulse it will be in the C5 posistion.
Two programming technique are suggested. The
first (Fig. 8) uses IN4 in such a way that the
power section is disabled the total programming
time (the carriage of the 6 programming bits). Fig.
9 shows another technique: the motor driving sig-
nals at the inputs IN1...IN4 are interrupted switch-
ing IN1...IN4 Low to carry a single bit. This per-
mits the motor to be enabled for the 50% of total
programming time. During the motor rotation it’s
suggested to program the device immediately af-
ter the motor phase change: this make neglect-
able the motor driving discontinuity due to the de-
vice programming.
Figure 8: Waveform for programming: the output is disabled during all the programming duration (see Table 4).
Figure 9: Waveform for programming: the output is disabled only when all four inputs are at the low level.
L6223
9/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com