Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6223 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Datasheet(HTML) 4 Page - STMicroelectronics

  L6223 Datasheet HTML 1Page - STMicroelectronics L6223 Datasheet HTML 2Page - STMicroelectronics L6223 Datasheet HTML 3Page - STMicroelectronics L6223 Datasheet HTML 4Page - STMicroelectronics L6223 Datasheet HTML 5Page - STMicroelectronics L6223 Datasheet HTML 6Page - STMicroelectronics L6223 Datasheet HTML 7Page - STMicroelectronics L6223 Datasheet HTML 8Page - STMicroelectronics L6223 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ELECTRICAL CHARACTERISTICS (Tj =25
°C, VS = 42V, VSS = 5V, external RC network: R = 18kΩ,
C = 3.3nF, unless otherwise specified).
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VS
Power Supply
9
32
46
V
VSS
Logic Supply
4.5
5
5.5
V
IS
Power Supply Quiescent
Current
IN1, IN2, IN3, IN4 = L
RC = 0V DA/CLEV = L
DA/OPLO = L
24
mA
ISS
Logic Supply Quiescent
Current
IN1, IN2, IN3, IN4 = L
RC = 0V DA/CLEV = L
DA/OPLO = L
14
20
mA
IOL
Output Leakage Curr.
VO = 100V (Fig. 1)
1
mA
Vrs
Reset Threshold
Voltage (Pin 14)
0.9
V
TBOOT
Bootstrap Refresh Pulse
CBOOT= 10nF
3
5
µs
SINK MOS
RDS(ON)
ON Resistance
(Fig. 2a and Fig. 3)
1.2
Ω
SOURCE MOS
RDS(ON)
ON Resistance
(Fig. 2b and Fig. 3)
0.7
Ω
CURRENT CONTROL SECTION
Vref
Internal Reference Volt.
DA/CLEV = L; IN4 = H
IO = 100% nominal value
0.475
0.5
0.525
V
f(OSC)
Oscillator Frequency
(Fig. 20)
18
20
22
KHz
t(dis)
RC Network Discharge
Time (tON min)
(Fig. 20)
2.3
3
4.3
µs
Rint
Internal Discharge Resistor
(pin 14)
1.2
k
Ω
TW
Sense Filter Time Constant
(Fig. 4)
1
1.4
2.3
µs
LOGIC LEVELS
V(IN)L
Input Low Voltage
–0.3
0.8
V
V(IN)H
Input High Voltage
2.4
VSS
V
L6223
4/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com