Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6223 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6223 Datasheet HTML 16Page - STMicroelectronics L6223 Datasheet HTML 17Page - STMicroelectronics L6223 Datasheet HTML 18Page - STMicroelectronics L6223 Datasheet HTML 19Page - STMicroelectronics L6223 Datasheet HTML 20Page - STMicroelectronics L6223 Datasheet HTML 21Page - STMicroelectronics L6223 Datasheet HTML 22Page - STMicroelectronics L6223 Datasheet HTML 23Page - STMicroelectronics L6223 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
RDSON L=
α 1.2 = 2Ω
RDSON H=
α 0.7 = 1.15Ω
RS = 0.36
Ω
Rtot = 12.5
Ω
VON = 26.24V
(During the chopping)
VOFF = 9.7
(During the chopping)
DC = 15.6%
Tp = 8 msec
T1 = 250
µs
(During the phase change)
PdL = 1.1W
PdH = 0.4W
Pdch = 0.20W
Pdo = 0.24W
At last:
Ptot = 1.94W
The needed thermal resistance between junction
and ambient must be equal to:
Rthj−amb =
Tjmasc
− Tambmasc
Ptot
≅ 39°C/W
The worst case here considered requires an
heatsink of 25
°C/W. The calculation of the power
dissipation by considering the current imbalance
and by simulating a typical motion needed to
carry the head of a printer for example, becomes
full of difficulties. The use of the Personal Com-
puter is helpful in such a case: few examples are
shown from Fig. 28ab until Fig. 31 ab.
Each figure shows the Application Datas and one
diagram where the Total Dissipated Power versus
the peak of the motor current is plotted.
A max Ambient temperature of 70
°C and a max
junction temperature of 150
°C have been consid-
ered for a few applications using one single de-
vice and a dual device configuration to drive one
Figure 24: Motor current Ip during tON (phase MA; Q5 and RS sre common whit the phase MB).
Figure 25: Slow decay of the motor current Ip/2 during toff (phase MA).
L6223
20/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com