Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6223 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6223 Datasheet HTML 14Page - STMicroelectronics L6223 Datasheet HTML 15Page - STMicroelectronics L6223 Datasheet HTML 16Page - STMicroelectronics L6223 Datasheet HTML 17Page - STMicroelectronics L6223 Datasheet HTML 18Page - STMicroelectronics L6223 Datasheet HTML 19Page - STMicroelectronics L6223 Datasheet HTML 20Page - STMicroelectronics L6223 Datasheet HTML 21Page - STMicroelectronics L6223 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Use of the Programming Mode
A typical application of the L6223 requires driving
the motor according to Fig. 23a and Fig. 23b.
Starting from t0 =t5 and continuing until t1 the mo-
tor is kept in stand-by; at time t1 begins an accel-
eration period that is completed at time t3. The
motor then is driven at a contant speed until t4,
when the speed is decelerated and is stopped at
t5 =t0 for a new standby period.
During these events the L6223 can be pro-
grammed several times for different working
modes. The most important parameter is the cur-
rent through the windings of the stepper: at the
time t0;t1;t2;t3 and t4 the current can be modi-
fied, for example, as it is shown in Fig. 23b. This
behaviour allows the best motion control and, at
the same time, optimizes efficency of the power
output block of the I. C.
But this is not the best in terms of performances
by programming: in fact, between t1 and t5 the de-
vice can be programmed to work in Closed Loop
and to chop at half of the RC oscillator frequency
during the time t3 to t4. In the stand-by condition
the I. C. can be programmed to work in Open
Loop mode where the current can be fixed by the
reduction of the minimum TON time (75% or 50%)
defined by the discharge time of the RC oscillator.
Of course in this way the current can be modified
by Supply Voltage changes; the same is not pos-
sible in Closed Loop operation where the device,
in order to keep the windings current constant,
modifies the TON time: wide at low VS and narrow
at high VS. This is the reason why when the motor
is driven at a constant speed (t3 to t4) with small
current and high Supply Voltage, it could become
necessary to program the lower chopping fre-
Figure 23: a,b) Speed profile and motor current
control change for the best efficency of the I.C.
c,d) Current control change by using DA/CLEV
input only, during the stand-by period.
a
b
c
d
quency to allow a suitable TON width otherwise
the current of the windings would go out of con-
trol.
The motion profile, shown in Fig. 23a can be ob-
tained when preferred, with only two program
changes actuated while the motor is in stand-by.
The current becomes as shown in Fig. 23c. The
device can be programmed at t0 =t5 for Imotor =
55% (stand-by) and at t1 for Imotor = 70%: for both
the actuations, the DA/CLEV is kept high to allow
the program change, while, by keeping it to zero
during t1 -t3 and t4 -t5, the current is automat-
ically select as 100% (Fig. 23d). During t3 -t4 the
current is reduced according to the percentage
programmed at the time t1.
Power dissipation (Simplified method of calcula-
tion).
Here below the Full Step Operating Mode is con-
sidered; in addition, the following working condi-
tions have been taken up:
1) Constant speed rotation of the driven unipolar
stepper Motor.
Figure 22: Pover output configuration.
L6223
18/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com