Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6223 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6223 Datasheet HTML 7Page - STMicroelectronics L6223 Datasheet HTML 8Page - STMicroelectronics L6223 Datasheet HTML 9Page - STMicroelectronics L6223 Datasheet HTML 10Page - STMicroelectronics L6223 Datasheet HTML 11Page - STMicroelectronics L6223 Datasheet HTML 12Page - STMicroelectronics L6223 Datasheet HTML 13Page - STMicroelectronics L6223 Datasheet HTML 14Page - STMicroelectronics L6223 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Table 6
C2
C3
t(ON)/t(OSC)*
LL
75
LH
50
H
L
100
H
H
Output Disabled
*) RC discharge time percentage
Table 7
C4
Chopping Frequency
L
20kHz
H
10kHz
L6223 Operating Configuration vs. 6bits Shift Register Programming (External RC network: R =
18k
Ω C = 3,3nF)
SHIFT REGISTER bITS
Full/Simpl.
Operation
Mode
Close Loop
Frequency
(kHz)
Open Loop
t(ON) [%]
Close Loop
Current
Level [%]
Nr
C5
C4
C3
C2
C1
C0
0
0
0
0
0
0
0
S
20
75
40%
1
0
0
0
0
0
1
S
20
75
70%
2
0
0
0
0
1
0
S
20
75
55%
3
0
0
0
0
1
1
S
20
75
85%
4
0
0
0
1
0
0
S
20
100
40%
5
0
0
0
1
0
1
S
20
100
70%
6
0
0
0
1
1
0
S
20
100
55%
7
0
0
0
1
1
1
S
20
100
85%
8
0
0
1
0
0
0
S
20
50
40%
9
0
0
1
0
0
1
S
20
50
70%
10
0
0
1
0
1
0
S
20
50
55%
11
0
0
1
0
1
1
S
20
50
85%
12
0
0
1
1
0
0
S
20
DISABLED
40%
13
0
0
1
1
0
1
S
20
DISABLED
70%
14
0
0
1
1
1
0
S
20
DISABLED
55%
15
0
0
1
1
1
1
S
20
DISABLED
85%
16
0
1
0
0
0
0
S
10
75
40%
17
0
1
0
0
0
1
S
10
75
70%
18
0
1
0
0
1
0
S
10
75
55%
19
0
1
0
0
1
1
S
10
75
85%
20
0
1
0
1
0
0
S
10
100
40%
21
0
1
0
1
0
1
S
10
100
70%
22
0
1
0
1
1
0
S
10
100
55%
23
0
1
0
1
1
1
S
10
100
85%
24
0
1
1
0
0
0
S
10
50
40%
25
0
1
1
0
0
1
S
10
50
70%
26
0
1
1
0
1
0
S
10
50
55%
27
0
1
1
0
1
1
S
10
50
85%
28
0
1
1
1
0
0
S
10
DISABLED
40%
29
0
1
1
1
0
1
S
10
DISABLED
70%
30
0
1
1
1
1
0
S
10
DISABLED
55%
31
0
1
1
1
1
1
S
10
DISABLED
85%
32
1
0
0
0
0
0
F
20
75
40%
33
1
0
0
0
0
1
F
20
75
70%
34
1
0
0
0
1
0
F
20
75
55%
35
1
0
0
0
1
1
F
20
75
85%
36
1
0
0
1
0
0
F
20
100
40%
37
1
0
0
1
0
1
F
20
100
70%
38
1
0
0
1
1
0
F
20
100
55%
L6223
11/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com