Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6223 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Datasheet(HTML) 3 Page - STMicroelectronics

  L6223 Datasheet HTML 1Page - STMicroelectronics L6223 Datasheet HTML 2Page - STMicroelectronics L6223 Datasheet HTML 3Page - STMicroelectronics L6223 Datasheet HTML 4Page - STMicroelectronics L6223 Datasheet HTML 5Page - STMicroelectronics L6223 Datasheet HTML 6Page - STMicroelectronics L6223 Datasheet HTML 7Page - STMicroelectronics L6223 Datasheet HTML 8Page - STMicroelectronics L6223 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
No.
Name
Fun ction
1,2
18,19
OUT2,OUT1
OUT4,OUT3
Outputs for motor windings.
3
BSTP
A bootstrap capacitor connected between this pin and COM will
generate the internal overvoltage required for driving the gate of the
upper DMOS.
6
COM
Output for common wire of motor.
4,5
16,17
GND
Common ground. Also provides heatsinking to PCB.
7VS
Power supply
8
DA/CLEV
Digital input.
1) In PROGRAM MODE,operates in XOR with DA/OPLO to load data
into 6-bit shift register.
2) In OPERATING MODE,works with the other digital inputs to reduce
the current level (see Table 2 and Table 3).
9
DA/OPLO
Digital input.
1) In PROGRAM MODE, operates in XOR with DA/CLEV to load data
into 6-bit shift register.
2) In OPERATING MODE,selects current control method: open loop (H)
or closed loop (L).
10,11
12,13
IN1,IN2
IN3,IN4
Digital inputs. When all inputs are low level,the device is in
PROGRAMMING MODE.
In OPERATING MODE:
1) FULL MODE - IN1 to IN4 drive the motor phases.
A previous programming is requested.
2) SIMPLIFIED MODE - IN1 and IN2 drive the phases,IN3 is
ENABLE, IN4 works with DA/CLEV to enable the reduce current
level. Previous programming not needed.
14
RC
Input for external RC network. Defines the higher of two possible
chopping frequencies. If this pin is set to ground it will reset the IC.
15
VSS
Logic supply.
20
SENSE
Output for sense resistor.
PIN DESCRIPTION
L6223
3/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com