Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6223 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6223
Description  DMOS PROGRAMMABLE HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6223 Datasheet(HTML) 1 Page - STMicroelectronics

  L6223 Datasheet HTML 1Page - STMicroelectronics L6223 Datasheet HTML 2Page - STMicroelectronics L6223 Datasheet HTML 3Page - STMicroelectronics L6223 Datasheet HTML 4Page - STMicroelectronics L6223 Datasheet HTML 5Page - STMicroelectronics L6223 Datasheet HTML 6Page - STMicroelectronics L6223 Datasheet HTML 7Page - STMicroelectronics L6223 Datasheet HTML 8Page - STMicroelectronics L6223 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
March 1998
BLOCK DIAGRAM
POWERDIP
16+2+2
MULTIPOWER BCD TECHNOLOGY
ORDERING NUMBER : L6223
L6223
DMOS PROGRAMMABLE
HIGH SPEED UNIPOLAR STEPPER MOTOR DRIVER
HIGH EFFICIENCY UNIPOLAR STEPPER
MOTOR DRIVER
HIGH SPEED UNIPOLAR STEPPER MOTOR
DRIVER
SUPPLY VOLTAGE UP TO 46V
PHASE CURRENT UP TO 1A
UP TO 2A/PHASE IN DUAL CONFIGURA-
TION
PARALLEL CMOS
µP INTERFACE FOR
FULL/HALF STEP MOTOR ROTATION
SERIAL INTERFACE FOR 6 BIT PROGRAM-
MING
CLOSE/OPEN LOOP, 8 PWM CURRENT
LEVELS
DUAL PWM FREQUENCY SELECTION
INPUT BIDIRECTIONALLY PROTECTED
THERMAL SHUTDOWN
DESCRIPTION
The L6223 is a programmable integrated system
for driving a unipolar stepper motor. It is realized
in Multipower BCD technology. The DMOS output
stage, realized by a single upper DMOS switch
and four lower DMOS, can deliver up to 1A/phase
with motor supply voltages up to 46V.
All inputs are CMOS and microprocessor compat-
ible. An internal 6-bit shift register allows the de-
vice to be programmed to select different duty cy-
cles in open loop mode and different chopping
frequencies in closed loop mode. When the cur-
rent control is in closed loop mode it is also possi-
ble to select a reduced current chopping level to
optimize system efficiency. The L6223 is de-
1/33


Similar Part No. - L6223

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L622 CRYDOM-L622 Datasheet
585Kb / 4P
Power Modules
logo
List of Unclassifed Man...
L622-DBC ETC2-L622-DBC Datasheet
173Kb / 1P
L series PRTDs, type L 622 DBC are designed for large volume applications where longterm stability
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
L6220N STMICROELECTRONICS-L6220N Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
Quad Darlington switch
30-Mar-2009
More results

Similar Description - L6223

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SLA7052M ALLEGRO-SLA7052M Datasheet
349Kb / 12P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7050M ALLEGRO-SLA7050M Datasheet
350Kb / 12P
UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
logo
Sanken electric
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
2-Phase Unipolar Stepper Motor Driver
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
Unipolar Stepper Motor Driver
logo
Shindengen Electric Mfg...
MTD1121F SHINDENGEN-MTD1121F Datasheet
84Kb / 5P
Unipolar PWM Stepper Motor Driver
logo
Texas Instruments
DRV8805 TI1-DRV8805 Datasheet
598Kb / 16P
UNIPOLAR STEPPER MOTOR DRIVER IC
JULY2011
DRV8805 TI1-DRV8805_12 Datasheet
780Kb / 19P
UNIPOLAR STEPPER MOTOR DRIVER IC
DRV8805 TI-DRV8805_15 Datasheet
970Kb / 21P
UNIPOLAR STEPPER MOTOR DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com