Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6238
Description  SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238 Datasheet(HTML) 1 Page - STMicroelectronics

  L6238 Datasheet HTML 1Page - STMicroelectronics L6238 Datasheet HTML 2Page - STMicroelectronics L6238 Datasheet HTML 3Page - STMicroelectronics L6238 Datasheet HTML 4Page - STMicroelectronics L6238 Datasheet HTML 5Page - STMicroelectronics L6238 Datasheet HTML 6Page - STMicroelectronics L6238 Datasheet HTML 7Page - STMicroelectronics L6238 Datasheet HTML 8Page - STMicroelectronics L6238 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
L6238
SENSORLESS SPINDLE MOTOR CONTROLLER
PRODUCT PREVIEW
2.5A, THREE-PHASE OUTPUT DRIVE
PRECISION DIGITAL PLL
FULLY-INTEGRATED ALIGN + GO
START-UP ALGORITHM
DIGITAL BEMF PROCESSING
MASTER/SLAVE SYNCHRONIZATION
BIDIRECTIONAL SERIAL PORT
STAND ALONE OR EXT. DRIVER
SHOOT-THROUGH PROTECTION
DESCRIPTION
The L6238 is a complete Three-Phase, D.C.
Brushless Spindle Motor Driver system. The de-
vice features both the Power and Control Sec-
tions and will operate Stand Alone, or can be
used in Higher Power Applications with the addi-
tion of an external Linear Driver.
Start-Up can be achieved with the Fully-Inte-
grated Align + GO Algorithm or may be se-
quenced manually for User-Defined start-up algo-
rithms.
A Digital PLL provides high accuracy and the ca-
pability to do Master/Slave Synchronization for
Disk Array configurations.
Programmable functions include commutation
Timing Adjustment and Slew Rate Control for
peak efficiency and minimum noise.
Protective features include Stuck Rotor\Backward
Rotation Detection and Automatic Thermal Shut-
down.
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
June 1993
BLOCK DIAGRAM
PLCC44
ORDERING NUMBER: L6238
1/35


Similar Part No. - L6238

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6238S STMICROELECTRONICS-L6238S Datasheet
324Kb / 31P
12V SENSORLESS SPINDLE MOTOR CONTROLLER
Oct-1995
L6238SQA STMICROELECTRONICS-L6238SQA Datasheet
324Kb / 31P
12V SENSORLESS SPINDLE MOTOR CONTROLLER
Oct-1995
L6238SQT STMICROELECTRONICS-L6238SQT Datasheet
324Kb / 31P
12V SENSORLESS SPINDLE MOTOR CONTROLLER
Oct-1995
More results

Similar Description - L6238

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6238S STMICROELECTRONICS-L6238S Datasheet
324Kb / 31P
12V SENSORLESS SPINDLE MOTOR CONTROLLER
Oct-1995
logo
Fairchild Semiconductor
ML4425 FAIRCHILD-ML4425 Datasheet
167Kb / 16P
Sensorless BLDC Motor Controller
logo
Micro Linear Corporatio...
ML4411 MICRO-LINEAR-ML4411 Datasheet
296Kb / 14P
Sensorless Spindle Motor Controller
ML4425 MICRO-LINEAR-ML4425 Datasheet
353Kb / 16P
Sensorless BLDC Motor Controller
ML4426 MICRO-LINEAR-ML4426 Datasheet
353Kb / 16P
Bi-directional Sensorless BLDC Motor Controller
ML4435 MICRO-LINEAR-ML4435 Datasheet
576Kb / 14P
Sensorless BLDC Motor Controller
ML4420 MICRO-LINEAR-ML4420 Datasheet
2Mb / 14P
ENHANCED SENSORLESS BLDC MOTOR CONTROLLER
logo
Rohm
BA6966FV ROHM-BA6966FV Datasheet
182Kb / 6P
1ch Sensorless Spindle Motor Driver for MD
logo
ATMEL Corporation
AT78C7015 ATMEL-AT78C7015 Datasheet
134Kb / 5P
Spindle/VCM Motor Controller/Drivers AT78C7015 Summary
logo
Princeton Technology Co...
PT2434 PTC-PT2434 Datasheet
412Kb / 5P
3-Phase Sensorless BLDC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com