Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L6238
Description  SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L6238 Datasheet HTML 27Page - STMicroelectronics L6238 Datasheet HTML 28Page - STMicroelectronics L6238 Datasheet HTML 29Page - STMicroelectronics L6238 Datasheet HTML 30Page - STMicroelectronics L6238 Datasheet HTML 31Page - STMicroelectronics L6238 Datasheet HTML 32Page - STMicroelectronics L6238 Datasheet HTML 33Page - STMicroelectronics L6238 Datasheet HTML 34Page - STMicroelectronics L6238 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Table 6: Phase Delay.
Phase_Dly_2
Phase_Dly_1
Phase_Dly_0
Delay, in
Electrical Degrees
000
0.0
001
9.4
0
1
0
18.80
0
1
1
20.68
1
0
0
22.56
1
0
1
24.44 (Default)
1
1
0
26.32
1
1
1
28.20
Table 7: Lock Threshold (Fsys = 10MHz)
Lock_1
Lock_0
Threshold, in
µs
0
0
6.4
0
1
12.8
1
0
25.6
1
1
51.2 (Default)
Table 8: Auto-Start Delay.
Auto_Start_Dly_1
Auto_Start_Dly_0
Delay, in Seconds
90Hz Input
60Hz Input
0
0
0.711
1.07
0
1
1.422
2.13
1
0
2.133
3.2
1
1
2.844
4.27 (Default)
Table 9: Status Register.
Status Bit #
Signal Name
Control Function Description
Log ic
Default State
0
Control_0
These two bits are a wrap-around of their
corresponding control bits for test purposes.
Follows
Control_0
0
1
Control_1
Follows
Control_1
0
2
Mask
When the motor controller detects a zero
crossing,
Mask will go low and remain low
for 15 electrical degrees after the next
commutation.
1 = Detect
Bemf
0 = Mask out
Bemf
1/0
3
Delay
Upon detection of a zero crossing,
Delay
will go high for a time determined by the
Phase Delay Control bits. After the delay
period,
Delay will go low, initiating the next
commutation.
1 = Delay
0=
Commutation
0/1
4
Go
Signifies whether the rotor is in the
alignment phase of start-up or is ramping
up to speed
1 = Run
0 = In Start Up
1
5
Align
Separates the align
L6238
32/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com