Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238 Datasheet(PDF) 33 Page - STMicroelectronics

Part # L6238
Description  SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button L6238 Datasheet HTML 27Page - STMicroelectronics L6238 Datasheet HTML 28Page - STMicroelectronics L6238 Datasheet HTML 29Page - STMicroelectronics L6238 Datasheet HTML 30Page - STMicroelectronics L6238 Datasheet HTML 31Page - STMicroelectronics L6238 Datasheet HTML 32Page - STMicroelectronics L6238 Datasheet HTML 33Page - STMicroelectronics L6238 Datasheet HTML 34Page - STMicroelectronics L6238 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Table 9 (continued)
Status Bit #
Signal Name
Control Function Description
Log ic
Default State
5
Align
Separates the alignment times during start-
up. While low, the rotor will align to phase 1.
When high, the rotor will align to phase 3
until pllaced in the Go mode.
1 = 2nd
Alignment
0 = 1st
Alignment
1
6
Dn
Indication of motor Phase relative to Fref.
(Must be used in conjunction with
Up).
1 = Phase > 0
0 = Phase
≤ 0
1
7
Up
Indication of motor Phase relative to Fref.
(Must be used in conjunction with
Dn).
1 = Phase > 0
0 = Phase
≥ 0
0
8
Updn
Indicates whether the motor‘s frequency is
greater or less than the reference
frequency.
1 = Fref > Fmtr
0 = Fref < Fmtr
1
9
Lock
Determines if Phase Difference is within
threshold limits as set by control bits.
1 = In Phase
0 = Out of Phase
0
10
Spin_
Sense
This bit toggles at the zero crossing
Toggles
0
11
St krt r
Detects a fault due to motor failing to spin.
If upon entering the Go mode after the
double align, no generated Bemf is
detected, a 419ms timer, (Fsystem =
10MHz) will cause the outputs to tri-state
and flag a fault.
1 = Normal
0 = Fault
1
12
IntFmtr
This signal cycles once every revolution,
providing a source of feedback for the
phase detector to lock onto. This signal is
not used when EXT/INT or
Ext/Int are a
logic 1.
1 cycle = 1
revolution
0
13
OTshdown
Indicates an overtemperature fault. Output
stage tristates.
1 = Normal
0 = Overtemp
1
14
OTw arn
Early overtemperature warning signal.
1 = Normal
0 = Overtemp
1
15
Mono
Indicates a fault due to a rapid deceleration
of the rotor caused by a sudden frictional
loading.
1 = Normal
0 = Fault
1
L6238
33/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com