Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6238
Description  SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6238 Datasheet HTML 6Page - STMicroelectronics L6238 Datasheet HTML 7Page - STMicroelectronics L6238 Datasheet HTML 8Page - STMicroelectronics L6238 Datasheet HTML 9Page - STMicroelectronics L6238 Datasheet HTML 10Page - STMicroelectronics L6238 Datasheet HTML 11Page - STMicroelectronics L6238 Datasheet HTML 12Page - STMicroelectronics L6238 Datasheet HTML 13Page - STMicroelectronics L6238 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Assuming the motor is stationary, with Output
Enable high and Run/Brake low, the controller is
in the ”Hold for Align & GO” state. When
Run/Brake is brought high, the motor is in align
mode with Phase 1 active (Output A high and
Output B low).
Align is a zero. After the align
time-out (user-programmable), the
Align bit goes
high and the sequencer double increments the
outputs to Phase 3 (Output B high and Output C
low). After the next time-out, the controller enters
the Go mode, with the sequencer automatically
incrementing the output phase upon detection of
the motor’s Bemf.
Never command an Align & Go unless a refer-
ence signal is present at PLL FREF, since this
is the signal that determines the length of time
that phase 1 remains active.
If Run/Brake is brought low, (or if the 5V supply
is removed) the controller will revert to ”Hold for
Align & GO” and the serial port will be reinitial-
ized. In order to prevent an erroneous restart con-
dition, it is necessary that Run/Brake be held low
until the motor has completely stopped. Once the
motor has stopped, Run/Brake may be brought
high for a complete Align & Go Start-Up routine.
2.3 Resynchronization
If power is momentarily lost, the sequencer can
automatically resynchronize to the monitored
Bemf. This resychronization can either occur
whenever Output Enable is first brought low then
high or if the Logic Supply is momentarily lost.
Referring to figure 6, the ”Hold for Resync” state
is entered upon POR (Power On Reset) or when-
ever Output Enable is brought low. The control-
ler leaves this state and enters ”Start Resync”
when Output Enable is high.
If zero crossings are detected, the sequencer will
automatically lock on to the proper phase and
bring the motor speed up to Phase Lock.
This resynchronization will take effect with the
motor speed running as low as typically 30% of
it’s nominal value.
Never command an Align & Go while the mo-
tor is spinning. Always initiate a resync first
or initiate brake mode and allow the motor to
spin down.
Power
on
Reset
Hold
for
”Resync”
Start
”Resync”
Resync=1
Release
min mask
Run
Ru
nB
rk
=1
Ou
tE
na
=0
No
Zc
No
Z
c
Figure 6: Resync.
L6238
10/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com