Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6238
Description  SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6238 Datasheet HTML 9Page - STMicroelectronics L6238 Datasheet HTML 10Page - STMicroelectronics L6238 Datasheet HTML 11Page - STMicroelectronics L6238 Datasheet HTML 12Page - STMicroelectronics L6238 Datasheet HTML 13Page - STMicroelectronics L6238 Datasheet HTML 14Page - STMicroelectronics L6238 Datasheet HTML 15Page - STMicroelectronics L6238 Datasheet HTML 16Page - STMicroelectronics L6238 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
delays that are 25% and 7S% respectively of the
total delay selected by the Auto-Start
Delay Con-
trol Bits. The times labled T1 and T2 are the times
associated wim the
Align and Go status bits. Typi-
cal delays associated with these times for a PLL
reference frequency of 90Hz are shown in the fig-
ure.
Referring to figure 9, the following is the se-
quence of events during Auto-Start:
Alignment Phase
- Output Stage is energized to phase 1 with
OUTPUT A high and OUTPUT B low for T
seconds.
- The intemal sequencer double increments the
output stage to Phase 3 for T2 seconds. If
phases 1 or 3 are high torque states, the mo-
tor should become aligned.
- During the alignment phase, the SEQ INCRE-
MENT signal is ignored.
Go Phase
- The internal sequencer double increments the
output stage to State 5, which should produce
torque in the desired direction.
- with SEQ INCREMENT held low, the se-
quencer is now controlled by the Bemf zero
crossings, and the motor should ramp up to
speed.
If backward rotation is detected, a status bit in the
serial port will be set, and the L6238 will revert to
the brake mode.
- If a stuck rotor condition exists, the
Stuck Ro-
tor Status bit is flagged, but no action is
taken. If though during a stuck rotor condition,
the time out due to the backwards rotation oc-
curs, the L6238 will revert back to the brake
mode.
3.3 Externally Controlled Start-Up Algorithms
Enhanced Start-Up Algorithms can be achieved
by using a uProcessor to interact with the L6238’s
control and status signals. The uProcessor needs
to be heavily involved during Open Loop Start-Up.
The L6238 has the ability to transition to Closed
Loop Start-Up at very low speeds, reducing the
uProcessor task to monitoring status rather than
real time interaction. Thus, it is a perfect applica-
tion for an existing uProcessor.
To allow control via an external means, the
Auto/Ext Control Bit in the Serial Port must be set
low. This disables the internal Auto-Start Algo-
rithm. The following control and status signals al-
low for very flexible algorithm development:
SEQ_INCR A low to high transition at this input
is used to increment the state of the power out-
put stage. It is useful during start-up, because
the
µProcessor can cycle to any desired state,
or cycle through the states at any desired rate.
When held high, it inhibits the BEMF zero
crossings from incrementing the internal se-
quencer.
SPIN SENSE This output is low until the first
detected Bemf zero crossing occurs. It then
toggles at each successive zero crossing. This
signal serves as a motion detector and gives
useful timing information as well.
LOCK A high denotes that the phase error be-
tween the PLL reference and the feedback sig-
nals is within the programmed threshold. This
signal is updated once per revolution.
Seq Reset This bit is used to reset the output
stage to the first state.
3.4 Start Up Approaches
Align & Go Approach The Align & Go approach
provides a very time efficient algorithm by ener-
gizing the coils to align the rotor and stator to a
known phase. This approach can be achieved via
the
Seq Reset, or by sequencing SEQ INCR.
SPIN SENSE can be monitored to assure that
motion occurred. Once ample time is given for
alignment to occur, SEQ INCR can be double in-
cremented, and the SPIN SENSE pin can be
monitored to detect motion. When SEQ INCR is
pulled low, control is transferred to the internal se-
quencer, and the L6238 finishes the spinup op-
eration. If no motion is detected, SEQ INCR can
be incremented to a different phase and the proc-
ess can be repeated. The alignment phase may
cause backward rotation, which on the average
will be greater than the Stepper Motor approach.
The Auto-Start algorithm described earlier is an
Align & Go approach. The main advantages of
the integrated Auto-Start are that the uP is not in-
volved real-time, and there are a minimum of in-
terface pins required to the spindle control sys-
tem.
Stepper Motor Approach This approach mini-
mizes backward rotation by sequencing SEQ
INCR at an initial rate that the rotor can follow.
Thus, it is driven in a similar fashion to a stepper
motor. The rate is continually increased until the
Bemf voltage is large enough to reliably use the
zero-crossings for commutation timing. SEQ
INCR is held low, causing control to be passed to
the L6238’s internal sequencer as in the Align &
Go approach.
The Stepper Motor approach takes longer than
the Align & Go approach because the initial com-
mutation frequency and subsequent ramp rate
L6238
13/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com