Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6238
Description  SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238 Datasheet(HTML) 2 Page - STMicroelectronics

  L6238 Datasheet HTML 1Page - STMicroelectronics L6238 Datasheet HTML 2Page - STMicroelectronics L6238 Datasheet HTML 3Page - STMicroelectronics L6238 Datasheet HTML 4Page - STMicroelectronics L6238 Datasheet HTML 5Page - STMicroelectronics L6238 Datasheet HTML 6Page - STMicroelectronics L6238 Datasheet HTML 7Page - STMicroelectronics L6238 Datasheet HTML 8Page - STMicroelectronics L6238 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
BVdss
Output Brakdown Voltage
17
V
VPower
Motor Supply Voltage
15
V
VLogic
Logic Supply Voltage
7
V
VAnalog
Analog Supply Voltage
15
V
Vin
Input Voltage
-0.3 to 7
V
Imdc
Peak Motor Current (DC)
3
A
Impk
Peak Motor Current (Pulsed: Ton = 5ms, d.c. = 10%)
5
A
Ptot
Power Dissipation at Tamb = 50°C
2.5
W
Ts
Storage and Junction Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-pin)
Thermal Resistance Junction-Pin
7
°C/W
Rth (j-amb)
Thermal Resistance Junction-Ambient (Float.)
68
°C/W
Rth (j-amb)
Thermal Resistance
34
°C/W
PIN CONNECTION (Top view)
L6238
2/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com