Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6238
Description  SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6238 Datasheet HTML 7Page - STMicroelectronics L6238 Datasheet HTML 8Page - STMicroelectronics L6238 Datasheet HTML 9Page - STMicroelectronics L6238 Datasheet HTML 10Page - STMicroelectronics L6238 Datasheet HTML 11Page - STMicroelectronics L6238 Datasheet HTML 12Page - STMicroelectronics L6238 Datasheet HTML 13Page - STMicroelectronics L6238 Datasheet HTML 14Page - STMicroelectronics L6238 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
2.4 Stuck Rotor/Monotonicity
Refer to figure 7. In order to alert the microproc-
essor of fault conditions, two bits are available in
the Serial Port’s Status Register.
1. Stuck Rotor
If the controller enters the Go mode after the Dou-
ble Align, Bemf must be detected within 419ms
when using a system clock frequency of 10MHz.
If this condition is not met, the outputs will be tris-
tated and set this bit to a zero. The controller en-
ters the ”Stuck Rotor Hold” state.
2. Mono
When the motor spins up normally, the resultant
S P IN SENSE pulses rise in frequency in a
monotonic pattern. Any fault condition that would
cause a rapid decrease in the SPIN SENSE fre-
quency would be detected by internal counters
setting the
MONO bit low and forcing a Brake
condition
2.5 External Sequencing
Although the user-defined Start-Up Algorithm is
flexible and will consistently spin up a motor with
minimum external interaction, the possibility ex-
ists where certain applications might require com-
plete microprocessor control of start-up.
The L6238 offers this capability via the SE-
QUENCE INCREMENT input. Referring to figure
9, with Output Enable and Run/Brake low, the
controller is in the ”Hold and Wait for Decision”
state. If the SEQUENCE INCREMENT pin is
brought high during this state, the Auto StartUp
Algorithm is disabled and the sequencer can be
controlled externally.
When Output Enable and
Run/Brake are
brought high, the sequencer is incremented every
time that the SEQUENCER INCREMENT pin is
first brought low and then high. During the time
that this pin is high, all Bemf information is
Ru n
St uck
R o to r
(h ol d)
Ou t E na = 1
&
Ru nB r k = 1
Figure 7: Stuck Rotor/Monotonicity.
Brake
W/Mask
Hold & wait
for decision
Tri-state
W/Mask
Tri-state
W/Mask
RunBrk = 1
OutEna = 0
RunBrk = 1
OutEna = 1
OutEna = 1
&
RunBrk = 0
Run
W/Mask
Hold for
”Align & Go”
Power
on
Reset
RunBrk = 0
OutEna = 0
SeqInc = X
Hold
for
”Resync”
Ru
nB
rk =
1
Ou
tE
na
= 0
Run
Wo/Mask
SeqInc = 0
SeqInc = 1
SeqInc = 0
SeqInc = 1
Acti on across
line increments
sequencer
Auto Start-up
Enabled
Disabled
RunBrk = 1
OutEna = 0
RunBrk = 1
OutEna = 1
OutEna = 0
&
RunBrk = 0
Figure 8: Ext. Sequence.
L6238
11/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com