Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6238
Description  SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6238 Datasheet HTML 12Page - STMicroelectronics L6238 Datasheet HTML 13Page - STMicroelectronics L6238 Datasheet HTML 14Page - STMicroelectronics L6238 Datasheet HTML 15Page - STMicroelectronics L6238 Datasheet HTML 16Page - STMicroelectronics L6238 Datasheet HTML 17Page - STMicroelectronics L6238 Datasheet HTML 18Page - STMicroelectronics L6238 Datasheet HTML 19Page - STMicroelectronics L6238 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
3) Phase Lock - After a brief settling time, typi-
cally 1-2 seconds after spin-up, the counters will
alternately count up and down as required to
maintain the phase difference to be as close to
minimum as possible. The counter outputs at this
time should be ”hovering” around 10000000.
The outputs of the two DACs are sent to latches
that store the digital representation of the meas-
ured phase error. This information is then bussed
to the DACs.
4.3 Coarse/Fine DACs
Two DACs are used to convert the digital phase
error information into an analog voltage that can
be used to command the output driver’s current.
In figure 12, the two 8-bit digital error signals are
used to switch in 256 possible voltages derived
from a precision Band-Gap reference. The same
resistor ladder string is used for the Coarse and
Fine DACs. The outputs of the DACS are then
sent to buffer stages and added together via a
summing amplifier.
4.4 Transfer Functions
Figure 13 represent the Output Voltage vs Phase
Error for the Coarse and Fine DACs depicting the
resolution that is achievable.
Table 2 shows examples of the resolution of both
Figure 12: Coarse and Fine DAC’s.
Table 2
Fsystem
Clock
Fcoarse
Phase LSB
Coarse
(Range)
Coarse
Ffine
Phase LSB
Fine
(Range)
Fine
8MHz
15.6KHz
64.1
µs
16.3ms
1.0MHz
1.0
µs
255
µs
10MHz
19.5KHz
51.3
µs
13.1ms
1.25MHz
800ns
204
µs
12MHz
23.4KHz
42.7
µs
10.9ms
1.5MHz
667ns
170
µs
L6238
16/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com