Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6238 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6238
Description  SENSORLESS SPINDLE MOTOR CONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6238 Datasheet(HTML) 4 Page - STMicroelectronics

  L6238 Datasheet HTML 1Page - STMicroelectronics L6238 Datasheet HTML 2Page - STMicroelectronics L6238 Datasheet HTML 3Page - STMicroelectronics L6238 Datasheet HTML 4Page - STMicroelectronics L6238 Datasheet HTML 5Page - STMicroelectronics L6238 Datasheet HTML 6Page - STMicroelectronics L6238 Datasheet HTML 7Page - STMicroelectronics L6238 Datasheet HTML 8Page - STMicroelectronics L6238 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
POWER SECTION
VPower
Motor Supply
10.5
12
13.5
V
RDS(on)
Output ON Resistance
Tj =25
°C
Tj = 125
°C
0.25
0.33
0.50
Ω
Ω
Io(leak)
Output Leakage Current
1
mA
VF
Body Diode Forward Drop
Im = 2.0A
1.5
V
dVo/dt
Output Slew Rate
Rslew = 100K
Ω
0.30
V/
µs
Im(max)
Motor Current Limit (Note 1)
Rs = 0.33
Ω
Ilim Gain = 0
Ilim Gain = 1
TBD
TBD
0.75
0.38
TBD
TBD
A/V
A/V
Igt
Gate Drive for Ext. Power
DMOS
ILIMSET =5V
Ilim Gain = 0
V33 = 0V, V38 = 5V
5mA
Tsd
Shut Down Temperature
150
180
°C
Thys
Recovery Temperature
Hysteresis
30
°C
Tew
Early Warning Temperature
Tsd-25
°C
Isnsin
Current Sense Amp Input Bias
Current
10
µA
GV
Current Sense Amp Voltage
Gain
3.8
4
4.2
V/V
ZinCT
Center Tap Input Impedance
30
K
Ω
PIN FUNCTIONS (continued)
N.
Name
I/O
Function
23
RUN/BRAKE
I
Rising edge will initiate start-up. A Braking rountine is started when this input is
brought low.
24
SEQ INCREMENT
I
A low to high transition on this pin increments the Output State Sequencer.
25
SYSTEM CLK
I
Clock Frequency for the system timer/counters.
26
EXT INDEX
I
External Source of Feedback for the PLL.
27
PLL Fref
I
Reference Frequency for the PLL.
28
LOCK
O
High when the PLL is phase_locked.
30
Vlogic
I
Logic power supply.
31
DETECTOR OUT
O
Output of Frequency/Phase Detector.
32
FILTER IN
I
Filter Input.
33
FILTER COMP
O
Filter output and compensation.
34
CSA INPUT
I
Input to the Current Sense Amplifier.
35
Rsense
O
Output C connection for the Motor Current Sense Resistor to ground.
36
OUTPUT C
I/O
DMOS Half Bridge Output and Input C for Bemf sensing.
37
gm COMP
I
A series RC network to ground that defines the compensation of the
Transconductance Loop.
38
GATE DRIVE
I/O
Drives the Gate of the External P Channel DMOS Driver for Higher Power
Applications. This pin must be grounded if an external driver is not used.
41
I LIMIT SET
I
A voltage applied to this pin, in conjunction with the value for the external
Motor Current Sensing resistor, defines the maximum Motor Current.
43
CENTER TAP
I
Motor Center Tap used for differential BEMF sensing. If the center tap of the
Motor is not brought out, a virtual center tap is integrated and available at this
pin.
44
SLEW RATE
I
A resistor connected to this pin sets the Voltage Slew Rate of the Output
Drivers.
L6238
4/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com