Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 9Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 10Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 11Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 12Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 13Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 14Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 15Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 16Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 17Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 13
SERIES OVERVIEW
AEC Series
•
Accepts contact size 16 (13 amps)
•
14-20 AWG (2.50-0.50 mm2)
•
40 cavity arrangement
•
In-line mount
•
Square, thermoplastic housing
•
Jackscrew for mating
AMPSEAL Connectors
•
Accepts contact size 1.3 mm (up to 17 amps gold, up to 8 amps tin)
•
16-20 AWG (1.25-0.50 mm2)
•
8, 14, 23, and 35 cavity arrangements
•
PCB mount
•
Rectangular, thermoplastic housing
•
Integrated latch for mating
•
Integrated wedgelock confirms contact alignment and retention
•
Product specification documents: 108-1329 and 114-16016
AMPSEAL 16 Connectors
•
Accepts contact size HDSF 16 (up to 13 amps)
•
14-20 AWG (2.50-0.50 mm2)
•
2, 3, 4, 6, 8, and 12 cavity arrangements
•
In-line mount
•
Rectangular, thermoplastic housing
•
Integrated latch for mating
•
Integrated Primary Latch Reinforcement (PLR) confirms contact alignment and retention
•
Product specification documents: 108-2184, 114-13045, and 114-13065
Circular DIN Connectors
•
Accepts contact size 2.5 mm (up to 40 amps)
•
2.50-0.20 mm2
•
2, 3, and 4 cavity arrangements
•
In-line, flange, or PCB mount
•
Circular, thermoplastic housing
•
Coupling ring for mating
•
Product specification documents: 108-18621 and 114-18255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com