Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 44 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 44 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 40Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 41Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 42Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 43Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 44Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 45Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 46Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 47Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 48Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 44
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
1.5K
Recept. housing, HDSCS, 8 way, group C, 1 key, black
1-1418479-1
Included
1.5K
Recept. housing, HDSCS, 8 way, group C, 2 key, gray
2-1418479-1
Included
1.5K
Recept. housing, HDSCS, 8 way, group C, 3 key, green
3-1418479-1
Included
1.5K
Recept. housing, HDSCS, 8 way, group C, 4 key, blue
4-1418479-1
Included
2.8
Recept. housing, HDSCS, 8 way, group D, 1 key, black
1-1670894-1
Included
2.8
Recept. housing, HDSCS, 8 way, group D, 2 key, gray
2-1670894-1
Included
2.8
Recept. housing, HDSCS, 8 way, group D, 3 key, green
3-1670894-1
Included
2.8
Recept. housing, HDSCS, 8 way, group D, 4 key, blue
4-1670894-1
Included
9 CAVITY CONNECTORS
HD10 Series
16
Recept., HD10, 9 way, gray, flange, non-threaded rear
HD10-9-16P
N/A
16
Recept., HD10, 9 way, gray, flange, non-threaded rear, key removed from front of flange
HD10-9-16P-B009
N/A
16
Recept., HD10, 9 way, black, flange, threaded rear, J1939
HD10-9-1939P
N/A
16
Recept., HD10, 9 way, black, flange, threaded rear, J1939, panel nut mount
HD10-9-1939P-B022
N/A
16
Recept., HD10, 9 way, green, flange, threaded rear, J1939 type II, panel nut mount
HD10-9-1939P-BP03
N/A
16
Recept., HD10, 9 way, green, flange, threaded rear, J1939 type II
HD10-9-1939P-P080
N/A
16
Recept., HD10, 9 way, black, flange, threaded rear, J1939, E seal
HD10-9-1939PE
N/A
16
Recept., HD10, 9 way, black, flange, threaded rear, J1939, E seal, panel nut mount
HD10-9-1939PE-B022
N/A
16
Recept., HD10, 9 way, green, flange, threaded rear, J1939 type II, E seal, panel nut mount
HD10-9-1939PE-BP03
N/A
16
Recept., HD10, 9 way, green, flange, threaded rear, J1939 type II, E seal
HD10-9-1939PE-P080
N/A
16
Recept., HD10, 9 way, gray, flange, threaded rear
HD10-9-96P
N/A
16
Recept., HD10, 9 way, gray, flange, non-threaded rear, key removed from front of flange
HD10-9-96P-B009
N/A
16
Recept., HD10, 9 way, black, flange, non-threaded rear, panel nut mount
HD10-9-96P-B025
N/A
16
Recept., HD10, 9 way, black, flange, threaded rear, 180° molded pins, PCB mount
HD10-9-96P-N005
N/A
16
Recept., HD10, 9 way, gray, flange, threaded rear, E seal
HD10-9-96PE
N/A
16
Recept., HD10, 9 way, black, flange, non-threaded rear, E seal, panel nut mount
HD10-9-96PE-B025
N/A
16
Recept., HD10, 9 way, gray, in-line, non-threaded rear
HD14-9-16P
N/A
16
Recept., HD10, 9 way, black, in-line, threaded rear, J1939
HD14-9-1939P
N/A
16
Recept., HD10, 9 way, green, in-line, threaded rear, J1939 type II
HD14-9-1939P-P080
N/A
16
Recept., HD10, 9 way, black, in-line, threaded rear, J1939, E seal
HD14-9-1939PE
N/A
16
Recept., HD10, 9 way, gray, in-line, threaded rear
HD14-9-96P
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com