Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 26 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 26 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 22Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 23Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 24Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 25Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 26Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 27Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 28Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 29Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 30Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 26
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Plug, DT, 3 way, gray, end cap
DT06-3S-E003
W3S
16
Plug, DT, 3 way, black
DT06-3S-E004
W3S
16
Plug, DT, 3 way, black, end cap
DT06-3S-E005
W3S
16
Plug, DT, 3 way, gray, shrink boot adapter
DT06-3S-E008
W3S
16
Plug, DT, 3 way, gray, fluorosilicone seal, latch guard end cap
DT06-3S-EF02
W3S
16
Plug, DT, 3 way, gray, latch guard end cap
DT06-3S-EP05
W3S
16
Plug, DT, 3 way, black, enhanced seal ret., end cap
DT06-3S-EP06
W3S-P012
16
Plug, DT, 3 way, black, enhanced seal ret., latch guard end cap
DT06-3S-EP09
W3S-P012
16
Plug, DT, 3 way, black, terminating resistor, gold sockets, end cap, J1939
DT06-3S-EP10
Included
16
Plug, DT, 3 way, black, enhanced seal ret., shrink boot adapter
DT06-3S-EP11
W3S-P012
16
Plug, DT, 3 way, black, enhanced seal ret., reduced dia. seals, DIN backshell adapter
DT06-3S-LC01
W3S-P012
16
Plug, DT, 3 way, gray, terminating resistor, gold sockets, end cap, J1939
DT06-3S-P006
Included
16
Plug, DT, 3 way, black, enhanced seal ret.
DT06-3S-P012
W3S-P012
16
Plug, DT, 3 way, black, enhanced seal ret., single piece shrink boot adapter
DT06-3S-P032
W3S-P012
16
Plug, DT, 3 way, gray, terminating resistor, gold sockets, latch guard end cap, J1939
DT06-3S-PE01
Included
16
Plug, DT, 3 way, black, enhanced seal ret., terminating resistor, gold sockets, end cap, J1939
DT06-3S-PP01
Included
DTF Series
16
Recept., DTF, 3 way, black, 90° molded pins, flangeless PCB mount
DTF13-3P
N/A
16
Recept., DTF, 3 way, black, 90° molded pins, flangeless PCB mount, J1939
DTF13-3P-1939
N/A
DTM Series
20
Recept., DTM, 3 way, gray
DTM04-3P
WM-3P
20
Recept., DTM, 3 way, gray, end cap
DTM04-3P-E003
WM-3P
20
Recept., DTM, 3 way, black
DTM04-3P-E004
WM-3P
20
Recept., DTM, 3 way, black, end cap
DTM04-3P-E005
WM-3P
20
Plug, DTM, 3 way, gray
DTM06-3S
WM-3S
20
Plug, DTM, 3 way, black
DTM06-3S-E004
WM-3S
20
Plug, DTM, 3 way, gray, shrink boot adapter
DTM06-3S-E007
WM-3S
DTMH Series
20
Recept., DTMH, 3 way, A key, black, high temp
DTMH04-3PA
Included
20
Recept., DTMH, 3 way, B key, black, high temp
DTMH04-3PB
Included
20
Recept., DTMH, 3 way, C key, black, high temp
DTMH04-3PC
Included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com