Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 21 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 21 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 17Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 18Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 19Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 20Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 21Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 22Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 23Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 24Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 25Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 21
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Plug, DT, 2 way, black, enhanced seal ret.
DT06-2S-P012
W2S-P012
16
Plug, DT, 2 way, transparent PEI material, LED, reduced dia. seals, end cap
DT06-2S-SDT-CE27
W2S-SDT-
**V
16
Plug, DT, 2 way, transparent PEI material, LED, reduced dia. seals
DT06-2S-SDT-CE28
W2S-SDT-
**V
DT13/15 Series
16
Recept., DT13, 2 way, gray, 90° molded pins, PCB mount
DT13-2P
N/A
16
Recept., DT15, 2 way, gray, 180° molded pins, PCB mount
DT15-2P
N/A
16
Recept., DT15, 2 way, gray, 180° molded pins, PCB mount, 5 P.S.I.
DT15-2P-P010
N/A
DTF Series
16
Recept., DTF, 2 way, black, 90° molded pins, flangeless PCB mount
DTF13-2P
N/A
16
Recept., DTF, 2 way, A key, black, 90° molded pins, flangeless PCB mount
DTF13-2PA
N/A
16
Recept., DTF, 2 way, B key, black, 90° molded pins, flangeless PCB mount
DTF13-2PB
N/A
DTM Series
20
Recept., DTM, 2 way, gray
DTM04-2P
WM-2P
20
Recept., DTM, 2 way, gray, end cap
DTM04-2P-E003
WM-2P
20
Recept., DTM, 2 way, black
DTM04-2P-E004
WM-2P
20
Recept., DTM, 2 way, black, end cap
DTM04-2P-E005
WM-2P
20
Recept., DTM, 2 way, gray, shrink boot adapter
DTM04-2P-E007
WM-2P
20
Recept., DTM, 2 way, black, shrink boot adapter
DTM04-2P-EE03
WM-2P
20
Recept., DTM, 2 way, B key, black, terminating resistor, gold pins, J1939
DTM04-2P-EP10
Included
20
Recept., DTM, 2 way, A key, gray, terminating resistor, gold pins, J1939
DTM04-2P-P006
Included
20
Recept., DTM, 2 way, black, “Y” connector, molded gold pins, J1939
DTM04-2P-P007
N/A
20
Plug, DTM, 2 way, gray
DTM06-2S
WM-2S
20
Plug, DTM, 2 way, gray, end cap
DTM06-2S-E003
WM-2S
20
Plug, DTM, 2 way, black
DTM06-2S-E004
WM-2S
20
Plug, DTM, 2 way, black, end cap
DTM06-2S-E005
WM-2S
20
Plug, DTM, 2 way, gray, shrink boot adapter
DTM06-2S-E007
WM-2S
20
Plug, DTM, 2 way, black, shrink boot adapter
DTM06-2S-EE03
WM-2S
20
Plug, DTM, 2 way, B key, black, terminating resistor, gold sockets, J1939
DTM06-2S-EP10
Included
20
Plug, DTM, 2 way, A key, gray, terminating resistor, gold sockets, J1939
DTM06-2S-P006
Included
DTMH Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com