Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 93 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 93 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 89Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 90Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 91Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 92Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 93Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 94Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 95Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 96Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 97Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 93
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
20
Plug, DRC, 40 way, C key, black
DRC26-40SC
N/A
20
Plug, DRC, 40 way, D key, black
DRC26-40SD
N/A
DRC10/13/23 Series
16
Recept., DRC10, 40 way, black, flange, 180° solder pot
DRC10-40P
N/A
16
Recept., DRC10, 40 way, black, flange, 180° molded pins, PCB mount
DRC10-40P-A004
N/A
16
Recept., DRC13, 40 way, A key, black, 90° molded pins, PCB mount
DRC13-40PA
N/A
16
Recept., DRC13, 40 way, A key, black, 90° molded pins, PCB mount, outside row gold, inside
rows tin
DRC13-40PA-G002
N/A
16
Recept., DRC13, 40 way, B key, black, 90° molded pins, PCB mount
DRC13-40PB
N/A
16
Recept., DRC13, 40 way, C key, black, 90° molded pins, PCB mount
DRC13-40PC
N/A
16
Recept., DRC13, 40 way, C key, black, 90° molded pins, PCB mount, outside row gold, inside
rows tin
DRC13-40PC-G002
N/A
16
Recept., DRC13, 40 way, D key, black, 90° molded pins, PCB mount
DRC13-40PD
N/A
20
Recept., DRC23, 40 way, A key, black, 90° molded pins, PCB mount, one piece design
DRC23-40PA-N012
N/A
20
Recept., DRC23, 40 way, B key, black, 90° molded pins, PCB mount, one piece design
DRC23-40PB-N012
N/A
20
Recept., DRC23, 40 way, C key, black, 90° molded pins, PCB mount, one piece design
DRC23-40PC-N012
N/A
46 CAVITY CONNECTORS
LEAVYSEAL
1.5K
Recept. housing, LEAVYSEAL, 46 way, group 4, A key, black
1-2112231-1
Included
47 CAVITY CONNECTORS
HD30 Series
42 sz. 20, 5 sz. 16
Recept., HD30, 24 shell, 47 way, E seal
HD34-24-47PE
N/A
42 sz. 20, 5 sz. 16
Recept., HD30, 24 shell, 47 way, E seal, cable clamp
HD34-24-47PE-059
N/A
42 sz. 20, 5 sz. 16
Recept., HD30, 24 shell, 47 way, E seal, adapter
HD34-24-47PE-072
N/A
42 sz. 20, 5 sz. 16
Recept., HD30, 24 shell, 47 way, E seal, reverse
HD34-24-47SE
N/A
42 sz. 20, 5 sz. 16
Recept., HD30, 24 shell, 47 way, E seal, reverse, cable clamp
HD34-24-47SE-059
N/A
42 sz. 20, 5 sz. 16
Recept., HD30, 24 shell, 47 way, E seal, reverse, adapter
HD34-24-47SE-072
N/A
42 sz. 20, 5 sz. 16
Plug, HD30, 24 shell, 47 way, E seal, reverse
HD36-24-47PE
N/A
42 sz. 20, 5 sz. 16
Plug, HD30, 24 shell, 47 way, E seal, reverse, cable clamp
HD36-24-47PE-059
N/A
42 sz. 20, 5 sz. 16
Plug, HD30, 24 shell, 47 way, E seal, reverse, adapter
HD36-24-47PE-072
N/A
42 sz. 20, 5 sz. 16
Plug, HD30, 24 shell, 47 way, E seal
HD36-24-47SE
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com