Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 35 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 35 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 31Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 32Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 33Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 34Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 35Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 36Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 37Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 38Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 39Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 35
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
20
Plug, DTM, 6 way, black, end cap
DTM06-6S-E005
WM-6S
20
Plug, DTM, 6 way, gray, shrink boot adapter
DTM06-6S-E007
WM-6S
20
Plug, DTM, 6 way, black, shrink boot adapter
DTM06-6S-EE03
WM-6S
20
Plug, DTM, 6 way, black, high temp
DTM06-6S-EE04
WM-6S
HD10 Series
12
Recept., HD10, 6 way, gray, flange, threaded rear
HD10-6-12P
N/A
12
Recept., HD10, 6 way, black, flange, threaded rear
HD10-6-12P-E004
N/A
16
Recept., HD10, 6 way, gray, flange, threaded rear
HD10-6-96P
N/A
16
Recept., HD10, 6 way, black, flange, 180° molded pins, PCB mount
HD10-6-96P-N005
N/A
12
Recept., HD10, 6 way, gray, in-line, non-threaded rear
HD14-6-12P
N/A
16
Recept., HD10, 6 way, gray, in-line, threaded rear
HD14-6-96P
N/A
12
Plug, HD10, 6 way, gray, threaded rear, no coupling ring
HD16-6-12S
N/A
12
Plug, HD10, 6 way, gray, threaded rear, with coupling ring
HD16-6-12S-B010
N/A
16
Plug, HD10, 6 way, gray, threaded rear
HD16-6-96S
N/A
HD30 Series
4 sz. 16, 2 sz. 4
Recept., HD30, 18 shell, 6 way, N seal
HD34-18-6PN
N/A
4 sz. 16, 2 sz. 4
Recept., HD30, 18 shell, 6 way, N seal, cable clamp
HD34-18-6PN-059
N/A
4 sz. 16, 2 sz. 4
Recept., HD30, 18 shell, 6 way, N seal, adapter
HD34-18-6PN-072
N/A
2 sz. 4
Recept., HD30, 18 shell, 6 way, N seal, cavities 1, 2, 5, 6 blocked
HD34-18-6PN-C030
N/A
2 sz. 4
Recept., HD30, 18 shell, 6 way, N seal, cavities 1, 2, 5, 6 blocked, cable clamp
HD34-18-6PN-C030-
059
N/A
4 sz. 16, 2 sz. 4
Recept., HD30, 18 shell, 6 way, N seal, reverse
HD34-18-6SN
N/A
4 sz. 16, 2 sz. 4
Recept., HD30, 18 shell, 6 way, N seal, reverse, cable clamp
HD34-18-6SN-059
N/A
4 sz. 16, 2 sz. 4
Recept., HD30, 18 shell, 6 way, N seal, reverse, adapter
HD34-18-6SN-072
N/A
4 sz. 16, 2 sz. 4
Plug, HD30, 18 shell, 6 way, N seal, reverse
HD36-18-6PN
N/A
4 sz. 16, 2 sz. 4
Plug, HD30, 18 shell, 6 way, N seal, reverse, cable clamp
HD36-18-6PN-059
N/A
4 sz. 16, 2 sz. 4
Plug, HD30, 18 shell, 6 way, N seal, reverse, adapter
HD36-18-6PN-072
N/A
4 sz. 16, 2 sz. 4
Plug, HD30, 18 shell, 6 way, N seal
HD36-18-6SN
N/A
4 sz. 16, 2 sz. 4
Plug, HD30, 18 shell, 6 way, N seal, cable clamp
HD36-18-6SN-059
N/A
4 sz. 16, 2 sz. 4
Plug, HD30, 18 shell, 6 way, N seal, adapter
HD36-18-6SN-072
N/A
2 sz. 4
Plug, HD30, 18 shell, 6 way, N seal, cavities 1, 2, 5, 6 blocked
HD36-18-6SN-C030
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com