Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 56 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 56 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 52Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 53Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 54Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 55Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 56Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 57Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 58Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 59Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 60Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 56
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
20
Plug, DTM, 12 way, B key, black, end cap
DTM06-12SB-E003
WM-12S
20
Plug, DTM, 12 way, B key, black, shrink boot adapter
DTM06-12SB-E007
WM-12S
20
Plug, DTM, 12 way, B key, black, high temp
DTM06-12SB-EE04
WM-12S
20
Plug, DTM, 12 way, C key, green
DTM06-12SC
WM-12S
20
Plug, DTM, 12 way, C key, green, shrink boot adapter
DTM06-12SC-E007
WM-12S
20
Plug, DTM, 12 way, D key, brown
DTM06-12SD
WM-12S
20
Plug, DTM, 12 way, D key, brown, shrink boot adapter
DTM06-12SD-E007
WM-12S
20
Plug, DTM, 12 way, D key, black, high temp
DTM06-12SD-EE04
WM-12S
DTM13/15 Series
20
Recept., DTM13, 12 way, A key, gray, 90° molded pins, PCB mount
DTM13-12PA
N/A
20
Recept., DTM13, 12 way, A key, gray, 90° molded gold pins, PCB mount
DTM13-12PA-G003
N/A
20
Recept., DTM13, 12 way, B key, gray, 90° molded pins, PCB mount
DTM13-12PB
N/A
20
Recept., DTM13, 12 way, B key, gray, 90° molded gold pins, PCB mount
DTM13-12PB-G003
N/A
20
Recept., DTM13, 12 way, B key, black, 90° molded pins, PCB mount, flangeless
DTM13-12PB-R005
N/A
20
Recept., DTM13, 12 way, C key, gray, 90° molded pins, PCB mount
DTM13-12PC
N/A
20
Recept., DTM13, 12 way, D key, gray, 90° molded pins, PCB mount
DTM13-12PD
N/A
20
Recept., DTM15, 12 way, A key, gray, 180° molded pins, PCB mount
DTM15-12PA
N/A
20
Recept., DTM15, 12 way, A key, gray, 180° molded gold pins, PCB mount
DTM15-12PA-G003
N/A
20
Recept., DTM15, 12 way, B key, gray, 180° molded pins, PCB mount
DTM15-12PB
N/A
20
Recept., DTM15, 12 way, C key, gray, 180° molded pins, PCB mount
DTM15-12PC
N/A
20
Recept., DTM15, 12 way, D key, gray, 180° molded pins, PCB mount
DTM15-12PD
N/A
DTM13 EEC Headers
20
Recept., DTM13, 12 way, A key, black, 90° molded gold pins, DTM EEC PCB header
DTM13-12PA-GR01
N/A
20
Recept., DTM13, 12 way, A key, black, 90° molded pins, DTM EEC PCB header
DTM13-12PA-R008
N/A
20
Recept., DTM13, 12 way, B key, black, 90° molded pins, DTM EEC PCB header
DTM13-12PB-R008
N/A
20
Recept., DTM13, 12 way, C key, black, 90° molded pins, DTM EEC PCB header
DTM13-12PC-R008
N/A
20
Recept., DTM13, 12 way, D key, black, 90° molded pins, DTM EEC PCB header
DTM13-12PD-R008
N/A
HDSCS
1.5K
Tab housing, HDSCS, 12 way, group D, 1 key, black, sealed flange
1-1564520-1
Included
1.5K
Tab housing, HDSCS, 12 way, group D, 1 key, black
1-1564414-1
Included
1.5K
Tab housing, HDSCS, 12 way, group D, 2 key, gray, sealed flange
2-1564520-1
Included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com