Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 100 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 100 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 96Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 97Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 98Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 99Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 100Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 101Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 102Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 103Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 104Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 100
SECONDARY WEDGELOCKS
CAVITY
PART DESCRIPTION
PART NUMBER
COLOR
DT SERIES WEDGELOCKS
2
Lock, DT, 2 way recept.
W2P
Green
2
Lock, DT, 2 way recept., A key
W2PA
Gray
2
Lock, DT, 2 way recept., B key
W2PB
Black
2
Lock, DT, 2 way recept., C key
W2PC
Green
2
Lock, DT, 2 way recept., D key
W2PD
Brown
2
Lock, DT, 2 way plug
W2S
Orange
2
Lock, DT, 2 way plug, enhanced seal
W2S-P012
Green
2
Lock, DT, 2 way plug, LED, 12V
W2S-SDT-12V
Yellow
2
Lock, DT, 2 way plug, LED, 24V
W2S-SDT-24V
Red
2
Lock, DT, 2 way plug, A key
W2SA
Gray
2
Lock, DT, 2 way plug, A key, enhanced seal
W2SA-P012
Gray
2
Lock, DT, 2 way plug, B key
W2SB
Black
2
Lock, DT, 2 way plug, B key, enhanced seal
W2SB-P012
Black
2
Lock, DT, 2 way plug, C key
W2SC
Green
2
Lock, DT, 2 way plug, C key, enhanced seal
W2SC-P012
Green
2
Lock, DT, 2 way plug, D key
W2SD
Brown
2
Lock, DT, 2 way plug, D key, enhanced seal
W2SD-P012
Brown
3
Lock, DT, 3 way recept.
W3P
Green
3
Lock, DT, 3 way recept., J1939
W3P-1939
Blue
3
Lock, DT, 3 way plug
W3S
Orange
3
Lock, DT, 3 way plug, J1939
W3S-1939
Blue
3
Lock, DT, 3 way plug, J1939, enhanced seal
W3S-1939-P012
Blue
3
Lock, DT, 3 way plug, enhanced seal
W3S-P012
Green
4
Lock, DT, 4 way recept.
W4P
Green
4
Lock, DT, 4 way recept., A key
W4PA
Gray
4
Lock, DT, 4 way recept., B key
W4PB
Black
4
Lock, DT, 4 way recept., C key
W4PC
Green
4
Lock, DT, 4 way recept., D key
W4PD
Brown
4
Lock, DT, 4 way plug
W4S
Orange
4
Lock, DT, 4 way plug, enhanced seal
W4S-P012
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com