Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 50 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 50 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 46Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 47Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 48Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 49Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 50Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 51Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 52Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 53Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 54Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 50
ELECTRICAL CONNECTORS
CONTACT SIZE(S)
PART DESCRIPTION
PART NUMBER
WEDGE/
TPA
16
Recept., DT, 12 way, enhanced A key, black, reduced dia. seals, end cap
DT04-12PA-BE04
W12P
16
Recept., DT, 12 way, enhanced A key, gray, welded flange
DT04-12PA-BL04
W12P
16
Recept., DT, 12 way, enhanced A key, black, welded flange
DT04-12PA-BL08
W12P
16
Recept., DT, 12 way, enhanced A key, gray, reduced dia. seals, sealed flange, shrink boot adapter DT04-12PA-BL10
W12P
16
Recept., DT, 12 way, enhanced A key, gray, reduced dia. seals, sealed flange, end cap
DT04-12PA-BL11
W12P
16
Recept., DT, 12 way, A key, gray, reduced dia. seals
DT04-12PA-C015
W12P
16
Recept., DT, 12 way, A key, gray, solid rear grommet
DT04-12PA-C017
N/A
16
Recept., DT, 12 way, A key, gray, reduced dia. seals, end cap
DT04-12PA-CE01
W12P
16
Recept., DT, 12 way, A key, black, reduced dia. seals
DT04-12PA-CE02
W12P
16
Recept., DT, 12 way, A key, black, reduced dia. seals, end cap
DT04-12PA-CE03
W12P
16
Recept., DT, 12 way, A key, gray, reduced dia. seals, shrink boot adapter
DT04-12PA-CE04
W12P
16
Recept., DT, 12 way, enhanced A key, gray, reduced dia. seals, end cap
DT04-12PA-CE07
W12P
16
Recept., DT, 12 way, enhanced A key, gray, reduced dia. seals
DT04-12PA-CE08
W12P
16
Recept., DT, 12 way, A key, gray, reduced dia. seals, welded flange
DT04-12PA-CL03
W12P
16
Recept., DT, 12 way, A key, gray, end cap
DT04-12PA-E003
W12P
16
Recept., DT, 12 way, A key, black
DT04-12PA-E004
W12P
16
Recept., DT, 12 way, A key, black, end cap
DT04-12PA-E005
W12P
16
Recept., DT, 12 way, A key, gray, shrink boot adapter
DT04-12PA-E008
W12P
16
Recept., DT, 12 way, A key, gray, welded flange
DT04-12PA-L012
W12P
16
Recept., DT, 12 way, A key, gray, sealed flange, gasket, end cap
DT04-12PA-LE01
W12P
16
Recept., DT, 12 way, A key, gray, sealed flange, gasket (sold separately), end cap
DT04-12PA-LE03
W12P
16
Recept., DT, 12 way, A key, gray, sealed flange, gasket, end cap
DT04-12PA-LE05
W12P
16
Recept., DT, 12 way, A key, gray, reduced dia. seals, sealed flange, gasket, end cap
DT04-12PA-LE06
W12P
16
Recept., DT, 12 way, A key, gray, welded flange, end cap
DT04-12PA-LE07
W12P
16
Recept., DT, 12 way, A key, black, sealed flange, gasket (sold separately), end cap
DT04-12PA-LE09
W12P
16
Recept., DT, 12 way, A key, black, sealed flange, gasket, end cap
DT04-12PA-LE10
W12P
16
Recept., DT, 12 way, A key, black, welded flange
DT04-12PA-LE14
W12P
16
Recept., DT, 12 way, enhanced A key, black, sealed flange, gasket (sold separately), end cap
DT04-12PA-LE17
W12P
16
Recept., DT, 12 way, enhanced A key, gray, reduced dia. seals, sealed flange, end cap, one piece
design
DT04-12PA-LE21
W12P
16
Recept., DT, 12 way, enhanced A key, gray, (1) 12 pin buss, gold contacts
DT04-12PA-P016
Included
16
Recept., DT, 12 way, enhanced A key, gray, (1) 12 pin buss, nickel contacts
DT04-12PA-P021
Included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com