Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 102 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 102 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 98Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 99Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 100Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 101Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 102Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 103Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 104Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 105Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 106Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 102
SECONDARY WEDGELOCKS
CAVITY
PART DESCRIPTION
PART NUMBER
COLOR
8
Lock, DTM, 8 way recept.
WM-8P
Orange
8
Lock, DTM, 8 way plug
WM-8S
Orange
12
Lock, DTM, 12 way recept.
WM-12P
Orange
12
Lock, DTM, 12 way plug
WM-12S
Orange
12
Lock, DTM, 12 way plug, alternate key
WM-12S-B026
Green
DTP SERIES WEDGELOCKS
2
Lock, DTP, 2 way recept.
WP-2P
Orange
2
Lock, DTP, 2 way plug
WP-2S
Orange
4
Lock, DTP, 4 way recept.
WP-4P
Orange
4
Lock, DTP, 4 way plug
WP-4S
Orange
DTV SERIES WEDGELOCKS
18
Lock, DTV, 18 way recept.
WV-18P
Green
18
Lock, DTV, 18 way plug
WV-18S
Green
DRB SERIES WEDGELOCKS
48
Lock, DRB, 48 way recept., A key
WB-48PA
Gray
48
Lock, DRB, 48 way recept., B key
WB-48PB
Black
48
Lock, DRB, 48 way recept., C key
WB-48PC
Green
48
Lock, DRB, 48 way recept., D key
WB-48PD
Brown
48
Lock, DRB, 48 way plug, A key
WB-48SA
Gray
48
Lock, DRB, 48 way plug, B key
WB-48SB
Black
48
Lock, DRB, 48 way plug, C key
WB-48SC
Green
48
Lock, DRB, 48 way plug, D key
WB-48SD
Brown
60
Lock, DRB, 60 way recept., A key
WB-60PA
Gray
60
Lock, DRB, 60 way recept., B key
WB-60PB
Black
60
Lock, DRB, 60 way recept., C key
WB-60PC
Green
60
Lock, DRB, 60 way recept., D key
WB-60PD
Brown
60
Lock, DRB, 60 way plug, A key
WB-60SA
Gray
60
Lock, DRB, 60 way plug, B key
WB-60SB
Black
60
Lock, DRB, 60 way plug, C key
WB-60SC
Green
60
Lock, DRB, 60 way plug, D key
WB-60SD
Brown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com