Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 105 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 105 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 101Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 102Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 103Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 104Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 105Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 106Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 107Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 108Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 109Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 105
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
AMPSEAL 16 - NEXT GENERATION
Backshell, AMPSEAL 16, 2 way, plug, 180°, smooth
2292797-1
Backshell, AMPSEAL 16, 2 way, plug, 180°, NC12/NW10
2292797-2
Backshell, AMPSEAL 16, 2 way, plug, 180°, NC08/NW7.5
2292797-3
Backshell, AMPSEAL 16, 3 way, plug, 180°, smooth
2292798-1
Backshell, AMPSEAL 16, 3 way, plug, 180°, NC12/NW10
2292798-2
Backshell, AMPSEAL 16, 3 way, plug, 180°, NC08/NW7.5
2292798-3
Backshell, AMPSEAL 16, 4 way, plug, 180°, smooth
2292799-1
Backshell, AMPSEAL 16, 4 way, plug, 180°, NC16/NW13
2292799-2
Backshell, AMPSEAL 16, 4 way, plug, 180°, NC12/NW10
2292799-3
Backshell, AMPSEAL 16, 6 way, plug, 180°, smooth
2292800-1
Backshell, AMPSEAL 16, 6 way, plug, 180°, NC16/NW13
2292800-2
Backshell, AMPSEAL 16, 6 way, plug, 180°, NC12/NW10
2292800-3
Backshell, AMPSEAL 16, 8 way, plug, 180°, smooth
2292801-1
Backshell, AMPSEAL 16, 8 way, plug, 180°, NC20/NW17
2292801-2
Backshell, AMPSEAL 16, 8 way, plug, 180°, NC16/NW13
2292801-3
Backshell, AMPSEAL 16, 12 way, plug, 180°, smooth
2292802-1
Backshell, AMPSEAL 16, 12 way, plug, 180°, NC20/NW17
2292802-2
Backshell, AMPSEAL 16, 12 way, plug, 180°, NC16/NW13
2292802-3
Backshell, AMPSEAL 16, 2 way, cap, 180°, smooth
2292860-1
Backshell, AMPSEAL 16, 2 way, cap, 180°, NC12/NW10
2292860-2
Backshell, AMPSEAL 16, 2 way, cap, 180°, NC08/NW7.5
2292860-3
Backshell, AMPSEAL 16, 3 way, cap, 180°, smooth
2292861-1
Backshell, AMPSEAL 16, 3 way, cap, 180°, NC12/NW10
2292861-2
Backshell, AMPSEAL 16, 3 way, cap, 180°, NC08/NW7.5
2292861-3
Backshell, AMPSEAL 16, 4 way, cap, 180°, smooth
2292862-1
Backshell, AMPSEAL 16, 4 way, cap, 180°, NC16/NW13
2292862-2
Backshell, AMPSEAL 16, 4 way, cap, 180°, NC12/NW10
2292862-3
Backshell, AMPSEAL 16, 6 way, cap, 180°, smooth
2292863-1
Backshell, AMPSEAL 16, 6 way, cap, 180°, NC16/NW13
2292863-2
Backshell, AMPSEAL 16, 6 way, cap, 180°, NC12/NW10
2292863-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com