Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 109 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 109 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 105Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 106Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 107Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 108Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 109Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 110Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 111Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 112Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 113Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 109
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Backshell, DTM, 6 way, plug, 180°
1028-011-0605
Backshell, DTM, 8 way, plug, 180°
1028-013-0805
Backshell, DTM, 12 way, plug, 180°
1028-015-1205
Backshell, DTM, 12 way, recept., 180°
1028-034-1205
Adapter, backshell, 2, 3, 4 way, 90°
1028-016-0005
Adapter, backshell, 6, 8 way, 90°
1028-017-0005
HD10 Series
Backshell assembly, compression nut, cable diameter .187-.300 [4.75-7.62]
M902-2041
Backshell assembly, compression nut, cable diameter .300-.430 [7.62-10.92]
M902-2042
Backshell assembly, compression nut, cable diameter .430-.570 [10.92-14.48]
M902-2053
Backshell assembly, compression nut, cable diameter .570-.710 [14.48-18.03]
M902-2054
Backshell, HD10, 3 way, cable diameter .187-.300 [4.75-7.62]
M902-2131
Backshell, HD10, 3 way, cable diameter .300-.430 [7.62-10.92]
M902-2132
Backshell, HD10, 6 way, cable diameter .187-.300 [4.75-7.62]
M902-2161
Backshell, HD10, 6 way, cable diameter .300-.430 [7.62-10.92]
M902-2162
Backshell, HD10, 6 way, cable diameter .430-.570 [10.92-14.48]
M902-2163
Backshell, HD10, 6 way, cable diameter .570-.710 [14.48-18.03]
M902-2164
Backshell, HD10, 9 way, cable diameter .187-.300 [4.75-7.62]
M902-2191
Backshell, HD10, 9 way, cable diameter .300-.430 [7.62-10.92]
M902-2192
Backshell, HD10, 9 way, cable diameter .430-.570 [10.92-14.48]
M902-2193
Backshell, HD10, 9 way, cable diameter .570-.710 [14.48-18.03]
M902-2194
HD30/HDP20 Series
Backshell assembly, compression nut, cable diameter .430-.570 [10.92-14.48]
M902-2053
Backshell assembly, compression nut, cable diameter .570-.710 [14.48-18.03]
M902-2054
Backshell, HDP20, used with L015, 24 shell, cable diameter .430-.570 [10.92-14.48]
M902-2243
Backshell, HDP20, used with L015, 24 shell, cable diameter .570-.710 [14.48-18.03]
M902-2244
Backshell, HD30, used with -072, 24 shell, cable diameter .430-.570 [10.92-14.48]
M902-2343
Backshell, HD30, used with -072, 24 shell, cable diameter .570-.710 [14.48-18.03]
M902-2344
Backshell assembly, cap nut, HDP20, used with L015, 24 shell, NW 22 mm tubing
CN21
Backshell assembly, seal ring, HDP20, used with L015, 24 shell, NW 22 mm tubing
SRN21
Backshell, HDP20, used with L017, 24 shell, 90°, 1” tubing
2428-004-2405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com