Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 132 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 132 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 128Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 129Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 130Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 131Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 132Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 133Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 134Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 135Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 136Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 132
CONTACTS
CURRENT RATING
AMPS
PART DESCRIPTION
PART NUMBER
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .075-.118 [1.9-3.0] ins., unsealed, tin, loose piece
962978-1
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .075-.118 [1.9-3.0] ins., unsealed, silver
929971-7
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .075-.118 [1.9-3.0] ins., unsealed, silver, loose piece
962978-7
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .075-.118 [1.9-3.0] ins., unsealed, gold
929971-8
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .075-.118 [1.9-3.0] ins., unsealed, gold, loose piece
962978-8
Up to 40
Socket, S&F, sz. 2.5 mm, >2.5-4.0 mm2, .106-.118 [2.7-3.0] ins., unsealed, tin
929972-1
Up to 40
Socket, S&F, sz. 2.5 mm, >2.5-4.0 mm2, .106-.118 [2.7-3.0] ins., unsealed, tin, loose piece
962979-1
Up to 40
Socket, S&F, sz. 2.5 mm, 0.2-0.4 mm2, .047-.083 [1.2-2.1] ins., single wire sealing, tin
929973-1
Up to 40
Socket, S&F, sz. 2.5 mm, 0.2-0.4 mm2, .047-.083 [1.2-2.1] ins., single wire sealing, tin, loose piece
962980-1
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .047-.083 [1.2-2.1] ins., single wire sealing, tin
929974-1
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .047-.083 [1.2-2.1] ins., single wire sealing, tin, loose piece
962981-1
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .047-.083 [1.2-2.1] ins., single wire sealing, tin
929974-4
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .047-.083 [1.2-2.1] ins., single wire sealing, tin, loose piece
962981-4
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .047-.083 [1.2-2.1] ins., single wire sealing, gold
929974-8
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .047-.083 [1.2-2.1] ins., single wire sealing, gold, loose piece
962981-8
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .047-.083 [1.2-2.1] ins., single wire sealing, silver
929974-7
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .047-.083 [1.2-2.1] ins., single wire sealing, silver, loose piece
962981-7
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .047-.083 [1.2-2.1] ins., single wire sealing, silver
1-929974-4
Up to 40
Socket, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .047-.083 [1.2-2.1] ins., single wire sealing, silver, loose piece
1-962981-4
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .087-.118 [2.2-3.0] ins., single wire sealing, tin
929975-1
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .087-.118 [2.2-3.0] ins., single wire sealing, tin, loose piece
962982-1
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .087-.118 [2.2-3.0] ins., single wire sealing, tin
929975-4
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .087-.118 [2.2-3.0] ins., single wire sealing, tin, loose piece
962982-4
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .087-.118 [2.2-3.0] ins., single wire sealing, gold
929975-8
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .087-.118 [2.2-3.0] ins., single wire sealing, gold, loose piece
962982-8
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .087-.118 [2.2-3.0] ins., single wire sealing, silver
929975-7
Up to 40
Socket, S&F, sz. 2.5 mm, >1.0-2.5 mm2, .087-.118 [2.2-3.0] ins., single wire sealing, silver, loose piece
962982-7
2.5 mm (Circular DIN) STAMPED & FORMED PINS
2.5 mm
Up to 40
Pin, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .055-.083 [1.4-2.1] ins., unsealed, tin
929963-1
Up to 40
Pin, S&F, sz. 2.5 mm, 0.5-1.0 mm2, .055-.083 [1.4-2.1] ins., unsealed, tin, loose piece
962967-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com