Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 139 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 139 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 135Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 136Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 137Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 138Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 139Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 140Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 141Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 142Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 143Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 139
CONTACTS
CURRENT RATING
AMPS
PART DESCRIPTION
PART NUMBER
Size 16
13
Socket, S&F, sz. 16, 14-18 AWG [2.00-0.75 mm2], .075-.140 [1.91-3.56] ins., nickel
1062-16-0122
13
Socket, S&F, sz. 16, 14-18 AWG [2.00-0.75 mm2], .075-.140 [1.91-3.56] ins., gold
1062-16-0144
13
Socket, S&F, sz. 16, 16-20 AWG [1.00-0.50 mm2], .055-.100 [1.40-2.54] ins., nickel
1062-16-0622
13
Socket, S&F, sz. 16, 16-20 AWG [1.00-0.50 mm2], .055-.100 [1.40-2.54] ins., gold
1062-16-0644
13
Socket, S&F, sz. 16, 14-18 AWG [2.00-0.75 mm2], .075-.140 [1.91-3.56] ins., selective gold
1062-16-0988
13
Socket, S&F, sz. 16, 12-16 AWG [2.50-1.00 mm2], .075-.140 [1.91-3.56] ins., nickel
1062-16-1222
13
Socket, S&F, sz. 16, 12-16 AWG [2.50-1.00 mm2], .075-.140 [1.91-3.56] ins., nickel, sleeveless
1062-16-1422
13
Socket, S&F, sz. 16, 12-16 AWG [2.50-1.00 mm2], .075-.140 [1.91-3.56] ins., gold, sleeveless
1062-16-1444
Size 16 (14 AWG)
13
Socket, S&F, sz. 16, 14-18 AWG [2.00-0.75 mm2], .095-.150 [2.41-3.81] ins., nickel
1062-14-0122
13
Socket, S&F, sz. 16, 14-18 AWG [2.00-0.75 mm2], .095-.150 [2.41-3.81] ins., gold
1062-14-0144
Size 12
25
Socket, S&F, sz. 12, 12-14 AWG [4.00-2.00 mm2], .113-.176 [2.87-4.47] ins., gold
1062-12-0144
25
Socket, S&F, sz. 12, 12-14 AWG [4.00-2.00 mm2], .113-.176 [2.87-4.47] ins., nickel
1062-12-0166
Size 12 (10 AWG)
25
Socket, S&F, sz. 12, 10 AWG [6.00-4.00 mm2], .140-.204 [3.56-5.18] ins., nickel
1062-12-0222
DEUTSCH STAMPED & FORMED PINS
Size 20
7.5
Pin, S&F, sz. 20, 16-22 AWG [1.50-0.35 mm2], .075-.125 [1.91-3.18] ins., nickel
1060-20-0122
7.5
Pin, S&F, sz. 20, 16-22 AWG [1.50-0.35 mm2], .075-.125 [1.91-3.18] ins., gold
1060-20-0144
7.5
Pin, S&F, sz. 20, 16-22 AWG [1.50-0.35 mm2], .051-.085 [1.30-2.16] ins., nickel
1060-20-0222
7.5
Pin, S&F, sz. 20, 16-22 AWG [1.50-0.35 mm2], .051-.085 [1.30-2.16] ins., gold
1060-20-0244
Size 16
13
Pin, S&F, sz. 16, 14-18 AWG [2.00-0.75 mm2], .075-.140 [1.91-3.56] ins., nickel
1060-16-0122
13
Pin, S&F, sz. 16, 14-18 AWG [2.00-0.75 mm2], .075-.140 [1.91-3.56] ins., gold
1060-16-0144
13
Pin, S&F, sz. 16, 16-20 AWG [1.00-0.50 mm2], .055-.100 [1.40-2.54] ins., nickel
1060-16-0622
13
Pin, S&F, sz. 16, 16-20 AWG [1.00-0.50 mm2], .055-.100 [1.40-2.54] ins., gold
1060-16-0644
13
Pin, S&F, sz. 16, 16-20 AWG [1.00-0.50 mm2], .055-.100 [1.40-2.54] ins., selective gold
1060-16-0688
13
Pin, S&F, sz. 16, 14-18 AWG [2.00-0.75 mm2], .075-.140 [1.91-3.56] ins., selective gold
1060-16-0988
13
Pin, S&F, sz. 16, 12-16 AWG [2.50-1.00 mm2], .075-.140 [1.91-3.56] ins., nickel
1060-16-1222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com