Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 148 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 148 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 144Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 145Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 146Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 147Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 148Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 149Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 150Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 151Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 152Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 148
CRIMP TOOLING - STAMPED & FORMED CONTACTS
SIZE
CONTACT
PART NUMBER
PART DESCRIPTION
PART NUMBER
16
106*-16-06**
Tool, crimp, sz. 16 S&F die, .050-.075 [1.27-1.91] ins.
2266111-1
16
106*-16-12**,
1062-16-14**
Tool, crimp, sz. 16 S&F die, .120-.140 [3.05-3.56] ins.
2266112-1
16
106*-16-12**,
1062-16-14**
Tool, crimp, sz. 16 S&F die, .105-.125 [2.67-3.18] ins.
2266113-1
16
106*-16-12**,
1062-16-14**
Tool, crimp, sz. 16 S&F die, .090-.110 [2.29-2.79] ins.
2266114-1
16
106*-16-12**,
1062-16-14**
Tool, crimp, sz. 16 S&F die, .075-.095 [1.91-2.41] ins.
2266115-1
Size 12
12
106*-12-01**
Tool, crimp, sz. 12 S&F die, .151-.176 [3.83-4.47] ins.
2266124-1
12
106*-12-01**
Tool, crimp, sz. 12 S&F die, .130-.154 [3.30-3.91] ins.
2266125-1
12
106*-12-01**
Tool, crimp, sz. 12 S&F die, .113-.135 [2.87-3.43] ins.
2266126-1
12
106*-12-02**
Tool, crimp, sz. 12 S&F die, .185-.204 [4.70-5.18] ins.
2266127-1
12
106*-12-02**
Tool, crimp, sz. 12 S&F die, .155-.190 [3.94-4.83] ins.
2266128-1
12
106*-12-02**
Tool, crimp, sz. 12 S&F die, .140-.160 [3.56-4.06] ins.
2266129-1
HAND CRIMP TOOLS
1.0 mm
1.0 mm
3-1447221-3
Tool, crimp, hand, sz. 1.0 mm S&F, CERTI-CRIMP tool with fixed dies
1454509-1
1.3 mm
1.3 mm
-
Tool, crimp, hand, sz. 1.3 mm S&F, 16-20 AWG [1.25-0.50 mm2]
58529-1
1.58 mm
1.58 mm
-
Tool, crimp, hand, sz. 1.58 mm S&F, 14-18 AWG [2.00-0.80 mm2]
91337-1
1.58 mm
-
Tool, crimp, hand, sz. 1.58 mm S&F, 18-20 AWG [0.80-0.50 mm2]
2119118-1
2.5 mm
2.5 mm
-
Tool, crimp, hand, sz. 2.5 mm S&F, PRO-CRIMPER III tool and die set
58606-1
2.5 mm
-
Tool, crimp, hand, sz. 2.5 mm S&F, CERTI-LOK tool with fixed die
734285-2
Size 20
20
-
Tool, crimp, hand, sz. 20 S&F, 16-20 AWG [1.50-0.50 mm2]
DTT-20-00
20
-
Tool, crimp, hand, sz. 20 S&F (106*-20-02**), 18-22 AWG [0.80-0.35 mm2]
DTT-20-02
Size 16
16
-
Tool, crimp, hand, sz. 16 S&F, 14-16 AWG [2.00-1.00 mm2]
DTT-16-00
16
-
Tool, crimp, hand, sz. 16 S&F, 18-20 AWG [0.75-0.50 mm2]
DTT-16-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com