Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 161 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 161 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 156Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 157Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 158Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 159Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 160Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 161Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 162Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 163Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 164Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 161 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 161
GLOSSARY
TERM
DEFINITION
L
Locator
A device in a crimp tool to help provide proper contact position during crimping.
Lockwasher
Thin metal ring used between the panel nut and mounting surface to create spring force to provide a tight fitting mount.
M
Mounting Clip
A plastic or metal piece that attaches to a non-flanged connector to allow surface mounting.
N
“N” Seal
Normal wire seal diameter.
O
O-Ring
Circular seal found around the inside diameter of a receptacle: typically made from elastomeric or silicone material. Provides an environ-
mental seal.
P
Panel Nut
A hexagonal threaded plastic or metal ring. Along with a lockwasher, a panel nut is used for mounting.
Partial Strip
A quantity less than a standard full reel of stamped & formed contacts.
PCB Mount
Connectors designed for wire to printed circuit board applications.
Pin
Wire termination with solid mating end. Provides connection by insertion into a female or socket contact. Also referred to as male con-
tact.
Plug
One half of a mated pair of connectors. Plugs typically have the locking mechanism for the mated pair, usually house the sockets, and
mate with a receptacle.
Primary Latch
Reinforcement (PLR)
Locking mechanism that snaps into place on the mating face of a connector after the connector is populated. A PLR holds contacts in
correct alignment for mating and prevents them from being removed.
R
Receptacle
One half of a mated pair of connectors. Receptacles mate with a plug and usually house pins.
Receptacle (contact)
Wire termination with hollow mating end into which the pin or male terminal is inserted. Also referred to as a female contact.
Reduced Diameter Seal
Smaller than standard holes in the connector grommet.
Removal Tool
Device to disengage contacts from connector body.
Retaining Bolt
Screw used to draw and hold mating connectors together.
Retaining Sleeve
Lining sheath that fits into receptacle body to maintain internal seal and provide keying.
Reverse Arrangement
Non-standard cavity/contact assignment (eg. Plug connectors that require pin contacts, and receptacles that require socket contacts).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com