Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDB36-18-21SN-059 Datasheet(PDF) 119 Page - TE Connectivity Ltd

Part # HDB36-18-21SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-21SN-059 Datasheet(HTML) 119 Page - TE Connectivity Ltd

Back Button HDB36-18-21SN-059 Datasheet HTML 115Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 116Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 117Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 118Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 119Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 120Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 121Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 122Page - TE Connectivity Ltd HDB36-18-21SN-059 Datasheet HTML 123Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 119
CONNECTOR ACCESSORIES
PART DESCRIPTION
PART NUMBER
Tool, D-hole punch, 18 or 24 shell, counter nut
PUNCH-NUT
Tool, D-hole punch, 18 or 24 shell, cutout removal rod
PUNCH-ROD
GASKETS
Seal used between the panel face and connector flange to help keep out destructive elements
DRC Series
Gasket, DRC, 24 way, recept., neoprene
DRC24-GKT
Gasket, DRC, 24 way, recept., neoprene, adhesive
DRC24-GKT-AD
Gasket, DRC, 40 way, recept., neoprene
DRC40-GKT
Gasket, DRC, 40 way, recept., neoprene, adhesive
DRC40-GKT-AD
Gasket, DRC, 70 way, recept., neoprene
DRC70-GKT
Gasket, DRC, 70 way, recept., neoprene, adhesive
DRC70-GKT-AD
DT/DTM/DTP Series
Gasket, DT, 3 way, flanged recept., neoprene
DT3P-L012-GKT
Gasket, DT, 4 way, flanged recept., neoprene
DT4P-L012-GKT
Gasket, DT, 8 way, flanged recept., neoprene
DT8P-L012-GKT
Gasket, DT or DTM, 12 way, flanged recept., neoprene
DT12-L012-GKT
Gasket, DTP, 4 way, flanged recept., neoprene
DTP4P-L012-GKT
HD10 Series
Gasket, HD10, 3 way, neoprene
HD10-3-GKT
Gasket, HD10, 5 way, neoprene
HD10-5-GKT
Gasket, HD10, 6 way, neoprene
HD10-6-GKT
Gasket, HD10, 9 way, neoprene
HD10-9-GKT
Gasket, HD10, 9 way, neoprene, adhesive
HD10-9-GKT-AD
HD30/HDP20 Series
Gasket, HD30/HDP20, 18 shell, neoprene
16-04978
Gasket, HD30/HDP20, 24 shell, neoprene
16-04477
Gasket, HD30/HDP20, 24 shell, neoprene, adhesive backing
16-04477AD
KEYING PINS
Solid, plastic rod inserted into empty cavities to prevent mis-mating
Keying pin, sz. 12
0413-214-1205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com