Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 18Page - National Semiconductor (TI) LM80 Datasheet HTML 19Page - National Semiconductor (TI) LM80 Datasheet HTML 20Page - National Semiconductor (TI) LM80 Datasheet HTML 21Page - National Semiconductor (TI) LM80 Datasheet HTML 22Page - National Semiconductor (TI) LM80 Datasheet HTML 23Page - National Semiconductor (TI) LM80 Datasheet HTML 24Page - National Semiconductor (TI) LM80 Datasheet HTML 25Page - National Semiconductor (TI) LM80 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Functional Description (Continued)
12.0 REGISTERS AND RAM
12.1 Address Register
The main register is the ADDRESS Register. The bit designations are as follows:
Bit
Name
Read/
Write
Description
7-0
Address
Pointer
Read/Write
Address of RAM and Registers. See the tables below for detail.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Address Pointer (Power On default 00h)
A7
A6
A5
A4
A3
A2
A1
A0
12.2 Address Pointer Index (A7–A0)
Registers and RAM
A6–A0 in
Hex
Power On Value of Registers:
<7:0> in Binary
Configuration Register
00h
0000 1000
Interrupt Status Register 1
01h
0000 0000
Interrupt Status Register 2
02h
0000 0000
Interrupt Mask Register 1
03h
0000 0000
Interrupt Mask Register 2
04h
0000 0000
Fan Divisor/RST_OUT/OS
05h
0001 0100
OS
Configuration/Temperature
Resolution Register
06h
0000 0001
Value RAM
20h–3Fh
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com