Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 2Page - National Semiconductor (TI) LM80 Datasheet HTML 3Page - National Semiconductor (TI) LM80 Datasheet HTML 4Page - National Semiconductor (TI) LM80 Datasheet HTML 5Page - National Semiconductor (TI) LM80 Datasheet HTML 6Page - National Semiconductor (TI) LM80 Datasheet HTML 7Page - National Semiconductor (TI) LM80 Datasheet HTML 8Page - National Semiconductor (TI) LM80 Datasheet HTML 9Page - National Semiconductor (TI) LM80 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for +2.8 V
DC ≤V
+
≤ +3.8 V
DC for LM80CIMT-3, +4.25 VDC ≤V
+
≤ +5.75 V
DC for LM80CIMT-5,
IN0-IN6 R
S =25Ω, unless otherwise specified. Boldface limits apply for TA =TJ =TMIN to TMAX; all other limits TA =TJ =
25˚C.(Note 7)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
(Limits)
BTI Digital Input
I
IN(1)
Logical “1” Input Current
V
IN =V
+
−1
−10
µA (min)
I
IN(0)
Logical “0” Input Current
V
IN =0 VDC
500
2000
µA (max)
C
IN
Digital Input Capacitance
20
pF
AC Electrical Characteristics
The following specifications apply for +2.8 V
DC ≤V
+
≤ +3.8 V
DC for LM80CIMT-3, +4.25 VDC ≤V
+
≤ +5.75 V
DC for LM80CIMT-5,
unless otherwise specified. Boldface limits apply for T
A =TJ =TMIN to TMAX; all other limits TA =TJ = 25˚C. (Note 13)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
(Limits)
SERIAL BUS TIMING CHARACTERISTICS
t
1
SCL (Clock) Period
2.5
µs (min)
t
2
Data In Setup Time to SCL High
100
ns (min)
t
3
Data Out Stable After SCL Low
0
ns (min)
t
4
SDA Low Setup Time to SCL Low (start)
100
ns (min)
t
5
SDA High Hold Time After SCL High (stop)
100
ns (min)
DS100040-4
FIGURE 1. Serial Bus Timing Diagram
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com