Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM80 Datasheet HTML 1Page - National Semiconductor (TI) LM80 Datasheet HTML 2Page - National Semiconductor (TI) LM80 Datasheet HTML 3Page - National Semiconductor (TI) LM80 Datasheet HTML 4Page - National Semiconductor (TI) LM80 Datasheet HTML 5Page - National Semiconductor (TI) LM80 Datasheet HTML 6Page - National Semiconductor (TI) LM80 Datasheet HTML 7Page - National Semiconductor (TI) LM80 Datasheet HTML 8Page - National Semiconductor (TI) LM80 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
DC Electrical Characteristics (Continued)
The following specifications apply for +2.8 V
DC ≤V
+
≤ +3.8 V
DC for LM80CIMT-3, +4.25 VDC ≤V
+
≤ +5.75 V
DC for LM80CIMT-5,
IN0-IN6 R
S =25Ω, unless otherwise specified. Boldface limits apply for TA =TJ =TMIN to TMAX; all other limits TA =TJ =
25˚C.(Note 7)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 8)
(Note 9)
(Limits)
FAN RPM-to-DIGITAL CONVERTER
Fan RPM Error
+25˚C
≤ T
A ≤ +75˚C
±10
% (max)
−10˚C
≤ T
A ≤ +100˚C
±15
% (max)
−25˚C
≤ T
A ≤ +125˚C
±20
% (max)
Full-scale Count
255
(max)
FAN1 and FAN2 Nominal Input
RPM (See
Section 6.0)
Divisor = 1, Fan Count = 153
(Note 12)
8800
RPM
Divisor = 2, Fan Count = 153
(Note 12)
4400
RPM
Divisor = 3, Fan Count = 153
(Note 12)
2200
RPM
Divisor = 4, Fan Count = 153
(Note 12)
1100
RPM
Internal Clock Frequency
+25˚C
≤ T
A ≤ +75˚C
22.5
20.2
kHz (min)
24.8
kHz (max)
−10˚C
≤ T
A ≤ +100˚C
22.5
19.1
kHz (min)
25.9
kHz (max)
−25˚C
≤ T
A ≤ +125˚C
22.5
18
kHz (min)
27
kHz (max)
DIGITAL OUTPUTS: A0/NTEST_OUT, INT
V
OUT(1)
Logical “1” Output Voltage
I
OUT = +5.0 mA at
V
+ = +4.25V, I
OUT = +3.0 mA
at V
+ = +2.8V
2.4
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = −5.0 mA at
V
+ = +5.75V, I
OUT = −3.0 mA
at V
+ = +3.8V
0.4
V (max)
OPEN DRAIN OUTPUTS: GPO, RST_OUT/OS, CI
V
OUT(0)
Logical “0” Output Voltage
I
OUT =− 5.0 mA
at V
+ = +5.75V,
I
OUT = −3.0 mA at V
+ = +3.8V
0.4
V (min)
I
OH
High Level Output Current
V
OUT =V
+
0.1
100
µA (max)
RST_OUT/OS, CI
30
10
ms (min)
Pulse Width
OPEN DRAIN SERIAL BUS OUTPUT: SDA
V
OUT(0)
Logical “0” Output Voltage
I
OUT = −3.0 mA at
V
+
= +5.75V, I
OUT = −3.0 mA
at V
+ = +3.8V
0.4
V (min)
I
OH
High Level Output Current
V
OUT =V
+
0.1
100
µA (max)
DIGITAL INPUTS: A0/NTEST_Out, A1-A2, BTI, CI (Chassis Intrusion), INT_IN, and NTEST_IN/Reset_IN
V
IN(1)
Logical “1” Input Voltage
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
0.8
V (max)
SERIAL BUS INPUTS (SCL, SDA) and FAN TACH PULSE INPUTS (FAN1, FAN2)
V
IN(1)
Logical “1” Input Voltage
0.7xV
+
V (min)
V
IN(0)
Logical “0” Input Voltage
0.3xV
+
V (max)
ALL DIGITAL INPUTS Except for BTI
I
IN(1)
Logical “1” Input Current
V
IN =V
+
−0.005
−1
µA (min)
I
IN(0)
Logical “0” Input Current
V
IN =0 VDC
0.005
1
µA (max)
C
IN
Digital Input Capacitance
20
pF
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com