Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 6Page - National Semiconductor (TI) LM80 Datasheet HTML 7Page - National Semiconductor (TI) LM80 Datasheet HTML 8Page - National Semiconductor (TI) LM80 Datasheet HTML 9Page - National Semiconductor (TI) LM80 Datasheet HTML 10Page - National Semiconductor (TI) LM80 Datasheet HTML 11Page - National Semiconductor (TI) LM80 Datasheet HTML 12Page - National Semiconductor (TI) LM80 Datasheet HTML 13Page - National Semiconductor (TI) LM80 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Functional Description (Continued)
2.1 Internal Registers of the LM80
TABLE 1. The internal registers and their corresponding internal LM80 address is as follows:
Register
LM80 Internal Hex
Address (This is the
data to be written to
the Address Register)
Power on
Value
Notes
Configuration Register
00h
0000 1000
Interrupt Status Register 1
01h
0000 0000
Interrupt Status Register 2
02h
0000 0000
Interrupt Mask Register 1
03h
0000 0000
Interrupt Mask Register 2
04h
0000 0000
Fan Divisor/RST_OUT/OS
Register
05h
0001 0100
FAN1 and FAN2 divisor = 2 (count of 153 =
4400 RPM)
OS/ Configuration and
Temperature Resolution
Register
06h
0000 0001
Value RAM
20h-3Fh
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com