Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 7Page - National Semiconductor (TI) LM80 Datasheet HTML 8Page - National Semiconductor (TI) LM80 Datasheet HTML 9Page - National Semiconductor (TI) LM80 Datasheet HTML 10Page - National Semiconductor (TI) LM80 Datasheet HTML 11Page - National Semiconductor (TI) LM80 Datasheet HTML 12Page - National Semiconductor (TI) LM80 Datasheet HTML 13Page - National Semiconductor (TI) LM80 Datasheet HTML 14Page - National Semiconductor (TI) LM80 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Functional Description (Continued)
2.2 Serial Bus Interface
The Serial Bus control lines consists of the SDA (serial data),
SCL (serial clock) and A0-A1 (address) pins. The LM80 can
only operate as a slave. The SCL line only controls the serial
interface, all other clock functions within LM80 such as the
ADC and fan counters are done with a separate asynchro-
nous internal clock.
When using the Serial Bus Interface a write will always
consist of the LM80 Serial Bus Interface Address byte, fol-
lowed by the Internal Address Register byte, then the data
byte. There are two cases for a read:
1.
If the Internal Address Register is known to be at the
desired Address, simply read the LM80 with the Serial
Bus Interface Address byte, followed by the data byte
read from the LM80.
2.
If the Internal Address Register value is unknown, write
to the LM80 with the Serial Bus Interface Address byte,
followed by the Internal Address Register byte. Then
restart the Serial Communication with a Read consisting
of the Serial Bus Interface Address byte, followed by the
data byte read from the LM80.
The default power on Serial Bus address for the LM80 is:
0101(A2)(A1)(A0) binary, where A0-A2 reflect the state of
the pins defined by the same names.
All of these communications are depicted in the Serial Bus
Interface Timing Diagrams as shown in
Figure 5.
DS100040-8
(a) Serial Bus Write to the Internal Address Register followed by the Data Byte
DS100040-9
(b) Serial Bus Write to the Internal Address Register Only
DS100040-10
(c) Serial Bus Read from a Register with the Internal Address Register Preset to Desired Location
FIGURE 5. Serial Bus Timing
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com