Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM80 Datasheet HTML 1Page - National Semiconductor (TI) LM80 Datasheet HTML 2Page - National Semiconductor (TI) LM80 Datasheet HTML 3Page - National Semiconductor (TI) LM80 Datasheet HTML 4Page - National Semiconductor (TI) LM80 Datasheet HTML 5Page - National Semiconductor (TI) LM80 Datasheet HTML 6Page - National Semiconductor (TI) LM80 Datasheet HTML 7Page - National Semiconductor (TI) LM80 Datasheet HTML 8Page - National Semiconductor (TI) LM80 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM80
Serial Interface ACPI-Compatible Microprocessor System
Hardware Monitor
General Description
The LM80 provides 7 positive voltage inputs, temperature
measurement, fan speed measurement, and hardware
monitoring on an I
2C™ interface. The LM80 performs
WATCHDOG comparisons of all measured values and an
open-drain interrupt output becomes active when any values
exceed programmed limits. A Chassis Intrusion input is pro-
vided to monitor and reset an external circuit designed to
latch a chassis intrusion event.
The LM80 is especially suited to interface to both linear and
digital temperature sensors. The 10 mV LSB and 2.56 volt
input range is ideal for accepting inputs from a linear sensor
such as the LM50. The BTI is used as an input from either
digital or thermostat sensors such as LM75 and LM56.
The LM80’s 2.8V to 5.75V supply voltage range, low supply
current, and I
2C interface make it ideal for a wide range of
applications. These include hardware monitoring and protec-
tion applications in personal computers, electronic test
equipment, and office electronics.
Features
n
Temperature sensing
n
7 positive voltage inputs
n
2 programmable fan speed monitoring inputs
n
10 mV LSB and 2.56V input range accepts outputs from
linear temperature sensors such as the LM50
n
Chassis Intrusion Detector input
n
WATCHDOG comparison of all monitored values
n
Separate input to show status in Interrupt Status
Register of additional external temperature sensors such
as the LM56 or LM75
n
I
2C Serial Bus interface compatibility
n
Shutdown mode to minimize power consumption
n
Programmable RST_OUT/OS pin: RST_OUT provides a
Reset output; OS provides an Interrupt Output activated
by an Overtemperature Shutdown event
Key Specifications
j Voltage monitoring Error
±1% (max)
j Temperature Error
−25˚C to +125˚C
± 3˚C (max)
j Supply Voltage Range
2.8V to
5.75V
j Supply Current
Operating:
0.2 mA typ
Shutdown:
15 µA typ
j ADC Resolution
8 Bits
j Temperature Resolution
0.5˚C
Applications
n
System Thermal and Hardware Monitoring for Servers
and PCs
n
Office Electronics
n
Electronic Test Equipment and Instrumentation
Typical Application
I2C® is a registered trademark of the Philips Corporation.
DS100040-1
# Indicates Active Low (“Not”)
June 2001
© 2001 National Semiconductor Corporation
DS100040
www.national.com


Similar Part No. - LM80

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Texas Instruments
LM80 TI1-LM80 Datasheet
1Mb / 35P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
logo
Pulse A Technitrol Comp...
LM800 PULSE-LM800 Datasheet
691Kb / 5P
700/800/900/1850 mhz coils/whips
logo
Unisonic Technologies
LM8003 UTC-LM8003 Datasheet
85Kb / 4P
3 SIRENS AND MACHINE GUN WITH 2 LEDS
LM8003 UTC-LM8003_15 Datasheet
85Kb / 4P
3 SIRENS AND MACHINE GUN WITH 2 LEDS
More results

Similar Description - LM80

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 NSC-LM81 Datasheet
412Kb / 32P
Serial Interface ACPI-Compatible Microprocessor System
logo
Analog Devices
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
Low Cost Microprocessor System Hardware Monitor
REV.0
logo
National Semiconductor ...
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Texas Instruments
LM80 TI1-LM80_13 Datasheet
1Mb / 35P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 TI1-LM81_13 Datasheet
2Mb / 43P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com