Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM80 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM80
Description  Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM80 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button LM80 Datasheet HTML 21Page - National Semiconductor (TI) LM80 Datasheet HTML 22Page - National Semiconductor (TI) LM80 Datasheet HTML 23Page - National Semiconductor (TI) LM80 Datasheet HTML 24Page - National Semiconductor (TI) LM80 Datasheet HTML 25Page - National Semiconductor (TI) LM80 Datasheet HTML 26Page - National Semiconductor (TI) LM80 Datasheet HTML 27Page - National Semiconductor (TI) LM80 Datasheet HTML 28Page - National Semiconductor (TI) LM80 Datasheet HTML 29Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Functional Description (Continued)
12.10 Value RAM — Address 20h–3Fh
Address A7–A0
Description
20h
IN0 reading
21h
IN1 reading
22h
IN2 reading
23h
IN3 reading
24h
IN4 reading
25h
IN5 reading
26h
IN6 reading
27h
Temperature reading
28h
FAN1 reading
Note: This location stores the number of counts of the internal clock per revolution.
29h
FAN2 reading
Note: This location stores the number of counts of the internal clock per revolution.
2Ah
IN0 High Limit
2Bh
IN0 Low Limit
2Ch
IN1 High Limit
2Dh
IN1 Low Limit
2Eh
IN2 High Limit
2Fh
IN2 Low Limit
30h
IN3 High Limit
31h
IN3 Low Limit
32h
IN4 High Limit
33h
IN4 Low Limit
34h
IN5 High Limit
35h
IN5 Low Limit
36h
IN6 High Limit
37h
IN6 Low Limit
38h
Hot Temperature Limit (High)
39h
Hot Temperature Hysteresis Limit (Low)
3Ah
OS Temperature Limit (High)
3Bh
OS Temperature Hysteresis Limit (Low)
3Ch
FAN1 Fan Count Limit
Note: It is the number of counts of the internal clock for the Low Limit of the fan speed.
3Dh
FAN2 Fan Count Limit
Note: It is the number of counts of the internal clock for the Low Limit of the fan speed.
3Eh-3Fh
Reserved
Note: Setting all ones to the high limits for voltages and fans (0111 1111 binary for temperature) means interrupts will never be generated except the case when
voltages go below the low limits.
For voltage input high limits, the device is doing a greater than comparison. For low limits, however, it is doing a less than or equal to comparison.
www.national.com
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com